Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1571V Datasheet (PDF) - Renesas Technology Corp

SLG59M1571V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1571V
Download  SLG59M1571V Download
File Size   400.38 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 14.6 mW 1.0 A GreenFET Load Switch with Discharge and Reverse Blocking

SLG59M1571V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1571V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1571V
Download  SLG59M1571V Click to download

File Size   400.38 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 14.6 mW 1.0 A GreenFET Load Switch with Discharge and Reverse Blocking

SLG59M1571V Datasheet (HTML) - Renesas Technology Corp


SLG59M1571V Product details

General Description
The SLG59M1571V is designed for load switching
applications. The part comes with one 14.6 mW 1.0 A rated
MOSFET with Reverse Blocking and is controlled by a single
ON control pin. The product is packaged in an ultra-small
1.0 x 1.0 mm package.
Features
• One 14.6 mW 1.0 A MOSFET
• Reverse Blocking
• VIN = 0.85 V to 1.9 V
• One integrated VGS Charge Pump
• Integrated Discharge Resistor
• Over Temperature Protection
• Pb-Free / Halogen-Free / RoHS compliant
• STDFN 4L, 1.0 x 1.0 x 0.55 mm




Similar Part No. - SLG59M1571V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1571V DIALOG-SLG59M1571V Datasheet
169Kb / 8P
Ultra-small 14.6 m廓 1.0 A GreenFET 3 Power Switch with Discharge and Reverse Blocking
More results


Similar Description - SLG59M1571V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1571V DIALOG-SLG59M1571V Datasheet
169Kb / 8P
Ultra-small 14.6 m廓 1.0 A GreenFET 3 Power Switch with Discharge and Reverse Blocking
logo
Renesas Technology Corp
SLG5NT1437V RENESAS-SLG5NT1437V Datasheet
296Kb / 11P
Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG59M1495V RENESAS-SLG59M1495V Datasheet
435Kb / 10P
Ultra-small 80 mW, 1.0 A Load Switch with Discharge
February 4, 2022
SLG59M1551V RENESAS-SLG59M1551V Datasheet
399Kb / 9P
Ultra-small 15.5 mW 2.0 A GreenFET Load Switch with Discharge
February 10, 2022
SLG59M1557V RENESAS-SLG59M1557V Datasheet
435Kb / 11P
Ultra-small 28.5 mW, 1.0 A Load Switch with Discharge
February 4, 2022
SLG59M610V RENESAS-SLG59M610V Datasheet
301Kb / 12P
Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
SLG5NT1462V RENESAS-SLG5NT1462V Datasheet
379Kb / 10P
Ultra-small Dual 40 mW 1.0 A Load Switch with Discharge
February 10, 2022
SLG5NT1464V RENESAS-SLG5NT1464V Datasheet
380Kb / 10P
Ultra-small 40 mW 1.0 A GreenFET Load Switch with Discharge
February 8, 2022
SLG5NT1547V RENESAS-SLG5NT1547V Datasheet
380Kb / 10P
Ultra-small 80 mW, 1.0 A Load Switch with Discharge
February 8, 2022
SLG5NT1593V RENESAS-SLG5NT1593V Datasheet
287Kb / 10P
Ultra-small 28.5 mW, 1.0 A Load Switch with Discharge
February 14, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com