Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG5NT1464V Datasheet (PDF) - Renesas Technology Corp

SLG5NT1464V Datasheet PDF - Renesas Technology Corp
Part # SLG5NT1464V
Download  SLG5NT1464V Download
File Size   380.2 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 40 mW 1.0 A GreenFET Load Switch with Discharge

SLG5NT1464V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG5NT1464V Datasheet PDF - Renesas Technology Corp

Part # SLG5NT1464V
Download  SLG5NT1464V Click to download

File Size   380.2 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 40 mW 1.0 A GreenFET Load Switch with Discharge

SLG5NT1464V Datasheet (HTML) - Renesas Technology Corp


SLG5NT1464V Product details

General Description
The SLG5NT1464V is designed for load switching
applications. The part comes with one 40 mW 1.0 A rated
MOSFET controlled by a single ON control pin. The
MOSFET’s ramp rate is adjustable depending on the input
current level of the ON pin.
The product is packaged in an ultra-small 1.0 x 1.0 mm
package.
Features
• One 40 mW 1.0 A MOSFET
• One integrated VGS Charge Pump
• User selectable ramp rate with external resistor
• Integrated Discharge Resistor
• Over Temperature Protection
• Pb-Free / Halogen-Free / RoHS compliant
• STDFN 4L, 1.0 x 1.0 x 0.55 mm




Similar Part No. - SLG5NT1464V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1464V DIALOG-SLG5NT1464V Datasheet
176Kb / 8P
Ultra-small 40 m廓 1.0 A GreenFET 3 Load Switch with Discharge
SLG5NT1464VTR DIALOG-SLG5NT1464VTR Datasheet
176Kb / 8P
Ultra-small 40 m廓 1.0 A GreenFET 3 Load Switch with Discharge
More results


Similar Description - SLG5NT1464V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1464V DIALOG-SLG5NT1464V Datasheet
176Kb / 8P
Ultra-small 40 m廓 1.0 A GreenFET 3 Load Switch with Discharge
SLG59M1440V DIALOG-SLG59M1440V Datasheet
208Kb / 9P
Ultra-small 40 m廓 1.0 A GreenFET 3 Load Switch with Discharge
logo
Renesas Technology Corp
SLG59M1495V RENESAS-SLG59M1495V Datasheet
435Kb / 10P
Ultra-small 80 mW, 1.0 A Load Switch with Discharge
February 4, 2022
SLG59M1551V RENESAS-SLG59M1551V Datasheet
399Kb / 9P
Ultra-small 15.5 mW 2.0 A GreenFET Load Switch with Discharge
February 10, 2022
SLG59M1557V RENESAS-SLG59M1557V Datasheet
435Kb / 11P
Ultra-small 28.5 mW, 1.0 A Load Switch with Discharge
February 4, 2022
SLG59M1571V RENESAS-SLG59M1571V Datasheet
400Kb / 9P
Ultra-small 14.6 mW 1.0 A GreenFET Load Switch with Discharge and Reverse Blocking
February 14, 2022
SLG5NT1462V RENESAS-SLG5NT1462V Datasheet
379Kb / 10P
Ultra-small Dual 40 mW 1.0 A Load Switch with Discharge
February 10, 2022
SLG5NT1546V RENESAS-SLG5NT1546V Datasheet
384Kb / 10P
Ultra-small Dual 80 mW 1.0 A Load Switch with Discharge
February 7, 2022
SLG5NT1547V RENESAS-SLG5NT1547V Datasheet
380Kb / 10P
Ultra-small 80 mW, 1.0 A Load Switch with Discharge
February 8, 2022
SLG5NT1593V RENESAS-SLG5NT1593V Datasheet
287Kb / 10P
Ultra-small 28.5 mW, 1.0 A Load Switch with Discharge
February 14, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com