Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH69 Datasheet (PDF) - Hirose Electric

FH69 Datasheet PDF - Hirose Electric
Part # FH69
Download  FH69 Download
File Size   903.97 Kbytes
Page   17 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.5mm Pitch, 2.3mm Height, Top and Bottom Independent 2-point Contact, 125℃ Heat Resistance FPC/FFC Connector

FH69 Datasheet (PDF)

Go To PDF Page Download Datasheet
FH69 Datasheet PDF - Hirose Electric

Part # FH69
Download  FH69 Click to download

File Size   903.97 Kbytes
Page   17 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description 0.5mm Pitch, 2.3mm Height, Top and Bottom Independent 2-point Contact, 125℃ Heat Resistance FPC/FFC Connector

FH69 Datasheet (HTML) - Hirose Electric


FH69 Product details

Features
1. Industry' s first top and
bottom 2- point contact
design prevents dust
intrusion.
The top and bottom two- point contacts with
springs prevent dust intrusion and enhance
contact reliability.

2. Greater Design Flexibility
Can be used with both top and bottom contacts
for enhanced product design.
Additionally, FH69' s back flip design greatly
increases the FPC/ FFC retention force in the
vertical direction.

3. Improved Workability
Even with the back- flip design, FH69 has a wide
mating port like existing front- flip types for easy
FPC/ FFC insertion. Additionally, since the product
is delivered with the actuator open, mating is
completed in the two simple steps of 1. FPC/ FFC
insertion, and 2. Closing the actuator.

4. FPC/ FFC Mis- mating
detection
Can detect mis- mating after FPC/ FFC insertion by
checking the location of the FPC/ FFC tabs.

5. Reduced switching time
Compatible with the FPC/ FFC and land pattern of
0. 5mm pitch standard products FH28/ FH28K/
FH52K/ FH52T/ FH75 for easy replacement when
top contact or vertical routing are required.
* Consult a Hirose representative about competitor
products.

6. 125℃ Heat Resistance
Ideal for applications requiring 125℃ heat
resistance
* When using FFC the heat resistance is up to 105℃. When the heat
resistance of the FPC/ FFC is less than 125 ℃ for FPC and 105℃
for FFC, the heat resistance of the FPC/ FFC is applicable.

7. Passes Strict Automotive
Testing Requirements
FH69 passes rigorous tests for various
automotive applications.
( Ex. : Temperature Cycle)
Temperature : - 55 → + 15 to + 35 → + 125
→ + 1 5 t o 3 5℃
Time : 30 → 2 to 3 → 30 → 2 to 3min.
1000 cycles repeated under the above conditions

8. Halogen- Free
No chlorine or bromine exceeding the standard
value is used in the connector.
* As defined by IEC61249- 2- 21
Br- 900ppm maximum, Cl- 900ppm maximum,
Cl + Br combined- 1, 500ppm maximum




Similar Part No. - FH69

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH6 GOOD-ARK-FH6 Datasheet
379Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
logo
Alpha Company Ltd.
FH60 ALPHAC-FH60 Datasheet
78Kb / 1P
Active Heat Sink
FH6020 ALPHAC-FH6020 Datasheet
78Kb / 1P
Active Heat Sink
FH6020MU ALPHAC-FH6020MU Datasheet
78Kb / 1P
Active Heat Sink
logo
Littelfuse
FH602R LITTELFUSE-FH602R Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results


Similar Description - FH69

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1734839-5 MACOM-1-1734839-5 Datasheet
464Kb / 3P
FPC CONNECTOR, 0.5mm PITCH, TOP CONTACT, SMT TYPE.
1734592 MACOM-1734592 Datasheet
165Kb / 3P
FPC CONNECTOR, 0.5mm PITCH, BOTTOM CONTACT, SMT TYPE
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
FCI connector
62674-241121ALF FCI-CONNECTOR-62674-241121ALF Datasheet
1Mb / 10P
0.5mm FPC/FFC SMT
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
FCI connector
62674-201121ALF FCI-CONNECTOR-62674-201121ALF Datasheet
1Mb / 10P
CONNECTOR USED FOR FPC/FFC WITH 0.5mm CONTACT SPACING
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
0.5mm pitch/Connectors for FFC and FPC
logo
Hirose Electric
FH75 HIROSE-FH75 Datasheet
529Kb / 1P
Two-Point Contact, 125℃ Heat Resistance, FPC/FFC Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com