Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DG Datasheet (PDF) - Toshiba Semiconductor

TCR3DG Datasheet PDF - Toshiba Semiconductor
Part # TCR3DG
Download  TCR3DG Download
File Size   666.06 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit

TCR3DG Datasheet (PDF)

Go To PDF Page Download Datasheet
TCR3DG Datasheet PDF - Toshiba Semiconductor

Part # TCR3DG
Download  TCR3DG Click to download

File Size   666.06 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit

TCR3DG Datasheet (HTML) - Toshiba Semiconductor


TCR3DG Product details

The TCR3DG series are CMOS general-purpose single-output
voltage regulators with an on/off control input, featuring low dropout
voltage, low output noise voltage and low inrush current.
These voltage regulators are available in fixed output voltages
between 1.0 V and 4.5 V and capable of driving up to 300 mA.
They feature over-current protection, thermal shut down function,
Inrush current protection circuit and Auto-discharge function.
The TCR3DG series are offered in the ultra small package
WCSP4E(0.645mm x 0.645mm; t 0.40mm). It has a low dropout
voltage of 160 mV (3.2 V output, IOUT = 300 mA) with low output
noise voltage of 38 μVrms (2.5 V output) and a load transient
response of only ⊿VOUT = ±80 mV ( IOUT = 1 mA⇔300 mA, COUT =1.0 μF).
As small ceramic input and output capacitors can be used with the TCR3DG series, these devices are ideal for portable
applications that require high-density board assembly such as cellular phones.

Features
• Low Drop-Out voltage
VIN-VOUT = 160 mV (Typ.) at 3.2 V-output, IOUT = 300 mA
• Low output noise voltage
VNO = 38 μVrms (Typ.) at 2.5 V-output, IOUT = 10 mA, 10 Hz <= f <= 100 kHz
• Fast load transient response (⊿VOUT = ±80 mV (Typ.) at IOUT = 1 ⇔ 300 mA, COUT =1.0 μF )
• High ripple rejection ( R.R = 70 dB (Typ.) at 2.5V-output, IOUT = 10 mA, f =1kHz )
• Over current protection
• Thermal shut down function
• Inrush current protection circuit
• Auto-discharge function
• Pull down connection between CONTROL and GND
• Ceramic capacitors can be used ( CIN = 1.0μF, COUT =1.0 μF )
• Ultra small package WCSP4E (0.645 mm x 0.645 mm ; t 0.40 mm )




Similar Part No. - TCR3DG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR3DF TOSHIBA-TCR3DF Datasheet
839Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2013-11-15
TCR3DF10 TOSHIBA-TCR3DF10 Datasheet
839Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2013-11-15
TCR3DF105 TOSHIBA-TCR3DF105 Datasheet
839Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2013-11-15
TCR3DF11 TOSHIBA-TCR3DF11 Datasheet
839Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2013-11-15
TCR3DF12 TOSHIBA-TCR3DF12 Datasheet
839Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2013-11-15
More results


Similar Description - TCR3DG

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
250 mA Low Drop Out Voltage Regulator
logo
Analog Devices
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
logo
ON Semiconductor
NCP4626DSN033T1G ONSEMI-NCP4626DSN033T1G Datasheet
586Kb / 28P
300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
logo
Toshiba Semiconductor
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
200 mA CMOS Low Drop-Out Regulator with Auto-discharge
logo
ON Semiconductor
NCP4626 ONSEMI-NCP4626 Datasheet
586Kb / 28P
300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
logo
Toshiba Semiconductor
TCR3DF TOSHIBA-TCR3DF Datasheet
839Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2013-11-15
TCR3DM TOSHIBA-TCR3DM Datasheet
460Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-06-20
TCR4DG TOSHIBA-TCR4DG Datasheet
406Kb / 11P
420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com