Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2954 Datasheet (PDF) - Sipex Corporation

SPX2954 Datasheet PDF - Sipex Corporation
Part # SPX2954
Download  SPX2954 Download
File Size   204.27 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 250 mA Low Drop Out Voltage Regulator

SPX2954 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2954 Datasheet PDF - Sipex Corporation

Part # SPX2954
Download  SPX2954 Click to download

File Size   204.27 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 250 mA Low Drop Out Voltage Regulator

SPX2954 Datasheet (HTML) - Sipex Corporation


SPX2954 Product details

PRODUCT DESCRIPTION
The SPX2954 is a low power voltage regulator. This device is an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and portable computers. The SPX2954 features very low quiescent current (75µA Typ.) and very low dropout voltage. This includes a tight initial tolerance of ± 0.5% max and ± 1% max., and very low output temperature coefficient, making the SPX2954 useful as a low-power voltage reference. The key SPX2954 features include protection against reversed battery, fold-back current limiting, and automotive load dump protection (60V positive transient).

FEATURES
• Output Accuracy 5V, 3.3V,@ 250mA Output
• Very Low Quiescent Current
• Low Dropout Voltage
• Extremely Tight Load And Line Regulation
• Very Low Temperature Coefficient
• Current & Thermal Limiting
• Improved Replacement With Hight IOUT For LP2954 Sockets

SPX2954 Version Over LP2954
• Error Flag Warns Of Output Dropout
• Logic-Controlled Electronic Shutdown
• Output Programmable From 1.24V to 29V
• Input Can Withstand -20V Reverse Battery & +60 Positive Transient

APPLICATIONS
• Battery Powered Systems
• Cordless Telephones
• Radio Control Systems
• Portable/Palm Top/Notebook Computers
• Portable Consumer Equipment
• Portable Instrumentation
• Automotive Electronics
• SMPS Post-Regulator
• Voltage Reference
• Avionics




Similar Part No. - SPX2954

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
250mA Low Dropout Voltage Regulator
SPX2954 SIPEX-SPX2954 Datasheet
214Kb / 17P
250mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX2954 EXAR-SPX2954 Datasheet
582Kb / 15P
250mA Low Dropout Voltage Regulator
SPX2954A EXAR-SPX2954A Datasheet
582Kb / 15P
250mA Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2954AM3-3-3 SIPEX-SPX2954AM3-3-3 Datasheet
214Kb / 17P
250mA Low Dropout Voltage Regulator
More results


Similar Description - SPX2954

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
ON Semiconductor
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
logo
Infineon Technologies A...
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com