Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS-500 Datasheet (PDF) - Vishay Siliconix

PDS-500 Datasheet PDF - Vishay Siliconix
Part # PDS-500
Download  PDS-500 Download
File Size   59.03 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Plasma Panel Display Modules

PDS-500 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDS-500 Datasheet PDF - Vishay Siliconix

Part # PDS-500
Download  PDS-500 Click to download

File Size   59.03 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Plasma Panel Display Modules

PDS-500 Datasheet (HTML) - Vishay Siliconix


PDS-500 Product details

FEATURES
• 128 x 64 pixel array for bright and vivid graphics.
• Video interface.
• Powerful software commands make display integration
simple and efficient.
• + 8 to + 24 VDC display voltage.

OPTICAL SPECIFICATIONS
Pixel Pitch: 0.040.
Pixel Size: 0.020" [0.610] square.
Pixel Array: 128 x 64.
Luminance: 50 foot lamberts typical.
Color: Neon orange.
Refresh Cycle: 120 Hz typical.
Viewing Angle: 150° cone.
Contrast Ratio: 30:1

ELECTROSTATIC CAUTION
Vishay Dale display panels use electrostatic sensitive
components. These assemblies should be unpacked and
handled in an ESD controlled area only. When shipping use
packing materials designed for protection of electrostatic
sensitive components.
Vishay Dale believes that the information described in this
publication is accurate and reliable, and much care has
been taken in its preparation. However, no responsibility,
financial or otherwise, is accepted for any consequences
arising out of the use of this information.




Similar Part No. - PDS-500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PDS-500 VISHAY-PDS-500 Datasheet
77Kb / 3P
Plasma Panel Display Modules 128 x 64 Graphics Display with Video Interface, DC Converter and Drive Circuitry
05-Dec-00
PDS-500 VISHAY-PDS-500 Datasheet
84Kb / 3P
Plasma Panel Display Modules 192 x 64 Graphics Display with Drive Electronics TTL Level Data Interface and Integrated DC Converter
05-Dec-00
PDS-500 VISHAY-PDS-500 Datasheet
79Kb / 3P
Plasma Panel Display Module 256 x 64 Graphics Display with Drive Electronics, TTL Level Data Interfacer and Integrated DC Converter
05-Dec-00
PDS-500 VISHAY-PDS-500 Datasheet
201Kb / 9P
Graphic Plasma Display Controller
14-Mar-02
PDS-500 VISHAY-PDS-500 Datasheet
103Kb / 4P
Plasma Panel Display Module
09-Dec-03
More results


Similar Description - PDS-500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
Plasma Panel Display Modules
21-Dec-00
logo
Toshiba Semiconductor
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
Plasma Display Panel
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
logo
Vishay Siliconix
APD-128G032A VISHAY-APD-128G032A Datasheet
56Kb / 3P
Plasma Display Modules
24-Nov-00
APD-128G032 VISHAY-APD-128G032_V01 Datasheet
156Kb / 3P
Plasma Display Modules
14-Jun-04
APD-128G064 VISHAY-APD-128G064 Datasheet
63Kb / 3P
Plasma Display Modules
05-Dec-00
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
Plasma Panel Display Modules
21-Dec-00
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
Plasma Panel Display Modules
17-Oct-07
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
Plasma Panel Display Modules
21-Dec-00
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com