Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP705F Datasheet (PDF) - Toshiba Semiconductor

TLP705F Datasheet PDF - Toshiba Semiconductor
Part # TLP705F
Download  TLP705F Download
File Size   125.59 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Plasma Display Panel

TLP705F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP705F Datasheet PDF - Toshiba Semiconductor

Part # TLP705F
Download  TLP705F Click to download

File Size   125.59 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Plasma Display Panel

TLP705F Datasheet (HTML) - Toshiba Semiconductor


TLP705F Product details

Plasma Display Panel
Industrial Inverter
IGBT/Power MOSFET Gate Drive

TLP705F consists of a GaAℓAs light emitting diode and an integrated photodetector.
This unit is 6-lead SDIP package. TLP705F is 50% smaller than 8PIN DIP and has suited the safety standard reinforced insulation class. So, mounting area in safety standard required equipment can be reduced.
TLP705F is suitable for gate driving circuit of IGBT or power MOS FET.
Especially TLP705F is capable of “direct” gate drive of lower Power IGBTs.
Absolute Maximum ratings and electrical characteristics are the same as The TLP705 technical data sheets.

• Peak output current : ±0.45 A (max)
• Operating frequency : 250 kHz (max)
• Guaranteed performance over temperature: −40 to 100°C
• Supply current : 3mA (max)
• Power supply voltage : 10 to 20 V
• Threshold input current : IFLH = 8 mA (max)
• Switching time (tpLH / tpHL) : 200 ns (max)
• Common mode transient immunity : ±10 kV/μs (min)
• Isolation voltage : 5000 Vrms (min)
• UL Recognized : UL1577, File No.E67349
• Construction Mechanical Rating
    Creepage Distance 8.0 mm (min)
    Clearance 8.0 mm (min)
    Insulation Thickness 0.4 mm (min)
• Option (D4)
    TÜV approved : EN60747-5-2 Certificate No. R50033433
    Maximum operating insulation voltage: 1140 Vpk
    Highest permissible over voltage : 8000 Vpk




Similar Part No. - TLP705F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
TLP705 TOSHIBA-TLP705 Datasheet
182Kb / 6P
Plasma Display Panel
TLP705A TOSHIBA-TLP705A Datasheet
392Kb / 16P
Isolation voltage - 5000 Vrms (min)
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
More results


Similar Description - TLP705F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
PLASMA DISPLAY PANEL DATA DRIVER
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
PLASMA DISPLAY PANEL DATA DRIVER
Aug-2003
logo
Vishay Siliconix
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
Plasma Panel Display Modules
21-Dec-00
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
logo
Vishay Siliconix
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
Plasma Panel Display Modules
21-Dec-00
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
Plasma Panel Display Modules
05-Dec-00
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
Plasma Panel Display Modules
17-Oct-07
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
Plasma Panel Display Modules
21-Dec-00
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
Plasma Panel Display Module
09-Dec-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com