Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP705 Datasheet (PDF) - Toshiba Semiconductor

TLP705 Datasheet PDF - Toshiba Semiconductor
Part # TLP705
Download  TLP705 Download
File Size   145.9 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive

TLP705 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP705 Datasheet PDF - Toshiba Semiconductor

Part # TLP705
Download  TLP705 Click to download

File Size   145.9 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive

TLP705 Datasheet (HTML) - Toshiba Semiconductor


TLP705 Product details

Plasma Display Panel
Industrial Inverter
IGBT/Power MOS FET Gate Drive

TLP705 consists of a GaAℓAs light emitting diode and an integrated photodetector. This unit is 6-lead SDIP package. TLP705 is 50% smaller than 8pin DIP and has suited the safety standard reinforced insulation class.
So mounting area in safety standard required equipment can be reduced.
TLP705 is suitable for gate driving circuit of IGBT or power MOS FET.
Especially TLP705 is capable of “direct” gate drive of lower Power IGBTs.

• Peak output current : ±0.45 A (max)
• Operating frequency : 250kHz (max)
• Guaranteed performance over temperature : -40 to 100°C
• Supply current : 3.0mA (max)
• Power supply voltage : 10 to 20 V
• Threshold input current : IFLH = 8 mA (max)
• Switching time (tpLH / tpHL) : 200 ns (max)
• Common mode transient immunity : 10 kV/μs (min)
• Isolation voltage : 5000 Vrms (min)
• Construction Mechanical Rating
    Creepage Distance 7.0 mm (min)
    Clearance 7.0 mm (min)
    Insulation Thickness 0.4 mm (min)
• UL Recognized : UL1577, File No.E67349
• cUL approved : CSA Component Acceptance Service No. 5A, File No.E67349
• Option (D4) VDE approved : EN60747-5-5 (Note 1), EN60065, EN60950-1 EN62368-1(Pending)




Similar Part No. - TLP705

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705 Datasheet
182Kb / 6P
Plasma Display Panel
TLP705A TOSHIBA-TLP705A Datasheet
392Kb / 16P
Isolation voltage - 5000 Vrms (min)
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
Plasma Display Panel
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
More results


Similar Description - TLP705

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
Plasma Display Panel
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
IGBT/Power MOS FET gate drive
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com