Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP705 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP705
Description  Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP705 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP705 Datasheet HTML 1Page - Toshiba Semiconductor TLP705 Datasheet HTML 2Page - Toshiba Semiconductor TLP705 Datasheet HTML 3Page - Toshiba Semiconductor TLP705 Datasheet HTML 4Page - Toshiba Semiconductor TLP705 Datasheet HTML 5Page - Toshiba Semiconductor TLP705 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP705
2004-10-19
1
Unit in mm
TOSHIBA
11-5J1
Weight:0.26 g (typ.)
4.58±0.25
10.0max
0.4±0.1
1.27±0.2
1.25±0.25
7.62±0.25
1 2 3
6 5 4
11-5J1
TOSHIBA Photocoupler GaAℓAs IRED + Photo IC
TLP705
Plasma Display Panel.
Industrial Inverter
IGBT/Power MOS FET Gate Drive
The TOSHIBA TLP705 consists of a GaAℓAs light emitting diode and a
integrated photodetector.
This unit is 6-lead SDIP package. TLP705 is 50% smaller than 8PIN DIP
and has suited the safety standard reinforced insulation class.
So mounting area in safety standard required equipment can be reduced.
TLP705 is suitable for gate driving circuit of IGBT or power MOS FET.
Especially TLP705 is capable of “direct” gate drive of lowr Power IGBTs.
• Peak output current
: ±0.45 A (max)
• Operating frequency
: 250kHz (max)
• Guaranteed performance over temperature : −40 to 100°C
• Supply current
: 3mA (max)
• Power supply voltage
: 10 to 20 V
• Threshold input current
: IFLH = 8 mA (max)
• Switching time (tpLH / tpHL)
: 200 ns (max)
• Common mode transient immunity
: 10 kV/µs
• Isolation voltage
: 5000 Vrms
• UL Recognized
:UL1577, File No.E67349
• Construction Mechanical Rating
7.62 mm pich
standard type
10.16 mm pich
TLPXXXF type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (Min)
7.0 mm (Min)
0.4 mm (Min)
8.0 mm (Min)
8.0 mm (Min)
0.4 mm (Min)
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
ON
OFF
H
L
OFF
OFF
ON
L
Pin Configuration (top view)
Schematic
Preliminary
A 0.1
µF bypass capacitor must be connected
between pin 6 and 4. (See Note 6)
1: Anode
2: NC
3: Cathode
4: GND
5: VO (output)
6: VCC
1
3
4
5
6
2
SHIELD
1
+
3
−
VCC
VO
GND
(Tr1)
(Tr2)
ICC
IO
IF
VF
6
5
4
SHIELD


Similar Part No. - TLP705

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705 Datasheet
182Kb / 6P
Plasma Display Panel
TLP705A TOSHIBA-TLP705A Datasheet
392Kb / 16P
Isolation voltage - 5000 Vrms (min)
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
Plasma Display Panel
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
More results

Similar Description - TLP705

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
Plasma Display Panel
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
IGBT/Power MOS FET gate drive
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com