Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP250F Datasheet (PDF) - Toshiba Semiconductor

TLP250F Datasheet PDF - Toshiba Semiconductor
Part # TLP250F
Download  TLP250F Download
File Size   135.18 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE

TLP250F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP250F Datasheet PDF - Toshiba Semiconductor

Part # TLP250F
Download  TLP250F Click to download

File Size   135.18 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE

TLP250F Datasheet (HTML) - Toshiba Semiconductor


TLP250F Product details

Transistor Inverters
Inverter for Air Conditioners
IGBT Gate Drivers
Power MOSFET Gate Drivers

The TOSHIBA TLP250F(INV) consists of a GaAℓAs light emitting diode optically coupled to an integrated photodetector and is housed in an 8-pin DIP package.
The TLP250F(INV) is suitable for gate driving circuitry of IGBTs or power MOSFETs.
Absolute maximum ratings and electrical characteristics are the same as those of the TLP250(INV) and listed in its datasheet.

• Input threshold current: IF = 5 mA (max)
• Supply current : 11 mA (max)
• Supply voltage : 10 V to 35 V
• Output current : ±1.5 A (max)
• Switching time : tpHL, tpLH = 0.5 μs (max)
• Isolation voltage : 2500 Vrms (min)
• UL recognized : UL1577, file no. E67349
• Option (D4) type
   VDE approved: DIN EN 60747-5-2, certificate No. 40011913
   Maximum operating insulation voltage: 1140 VPK
   Maximum permissible overvoltage: 6000 VPK
   (Note 1) When an EN 60747-5-2 approved type is needed, please designate the “ Option (D4) ”.
• Structural parameter
   Creepage distance: 8.0 mm (min)
   Clearance: 8.0 mm (min)




Similar Part No. - TLP250F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250 TOSHIBA-TLP250 Datasheet
224Kb / 6P
TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250 TOSHIBA-TLP250 Datasheet
195Kb / 7P
GaA?밃s Ired & Photo-IC
TLP250H TOSHIBA-TLP250H Datasheet
329Kb / 16P
Buffer logic type (totem pole output)
TLP250HF TOSHIBA-TLP250HF Datasheet
329Kb / 16P
Buffer logic type (totem pole output)
More results


Similar Description - TLP250F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP557 TOSHIBA-TLP557 Datasheet
304Kb / 6P
TRANSISTOR INVERTOR INVERTER FOR AIR CONDITIONOR POWER TRANSISTOR BASE DRIVE
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
IGBT/Power MOS FET gate drive
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com