Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP557 Datasheet (PDF) - Toshiba Semiconductor

TLP557 Datasheet PDF - Toshiba Semiconductor
Part # TLP557
Download  TLP557 Download
File Size   304.51 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR INVERTOR INVERTER FOR AIR CONDITIONOR POWER TRANSISTOR BASE DRIVE

TLP557 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP557 Datasheet PDF - Toshiba Semiconductor

Part # TLP557
Download  TLP557 Click to download

File Size   304.51 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR INVERTOR INVERTER FOR AIR CONDITIONOR POWER TRANSISTOR BASE DRIVE

TLP557 Datasheet (HTML) - Toshiba Semiconductor


TLP557 Product details

Transistor Inverter
Inverter For Air Conditioner
Power Transistor Base Drive

The TOSHIBA TLP557 consists of a GaAℓAs light emitting diode and an integrated photodetector.
This unit is 8−lead DIP package.
TLP557 is suitable for base driving circuit of power transistor module up to 20A.
External resistor needs to connect between pin 6 and pin 7.
This is for constant current driving.

• Input threshold current: IF=5mA(max.)
• Guaranteed performance temperature range: −30~70°C
• Supply voltage: 16V(max.)
• Output current: ±0.3A(max.)
• Switching time (tpLH / tpHL): 5μs(max.)
• Isolation voltage: 2500Vrms(min.)
• UL recognized: UL1577, file No. E67349




Similar Part No. - TLP557

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP557 TOSHIBA-TLP557 Datasheet
196Kb / 7P
Inverter For Air Conditioner
TLP557 TOSHIBA-TLP557_07 Datasheet
196Kb / 7P
Inverter For Air Conditioner
More results


Similar Description - TLP557

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP251 TOSHIBA-TLP251 Datasheet
326Kb / 8P
INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
TLP251F TOSHIBA-TLP251F Datasheet
139Kb / 3P
INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
logo
Agilent(Hewlett-Packard...
HCPL-3000 HP-HCPL-3000 Datasheet
217Kb / 9P
Power Bipolar Transistor Base Drive Optocoupler
logo
Toshiba Semiconductor
TLP759 TOSHIBA-TLP759 Datasheet
159Kb / 6P
Transistor Invertor Inverter For Air Conditioner Line Receiver IPM Interfaces
TLP114AIGM TOSHIBA-TLP114AIGM Datasheet
162Kb / 6P
Transistor Invertor For Air Conditioner Line Receiver Ipm Interfaces
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
logo
Rohm
EMD9T2R ROHM-EMD9T2R Datasheet
108Kb / 4P
Digital Transistor (Dual Digital Transistors for Inverter Drive)
UMD9NTR ROHM-UMD9NTR Datasheet
108Kb / 4P
Digital Transistor (Dual Digital Transistors for Inverter Drive)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com