Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP250INV Datasheet (PDF) - Toshiba Semiconductor

TLP250INV Datasheet PDF - Toshiba Semiconductor
Part # TLP250INV
Download  TLP250INV Download
File Size   224.71 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE

TLP250INV Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP250INV Datasheet PDF - Toshiba Semiconductor

Part # TLP250INV
Download  TLP250INV Click to download

File Size   224.71 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE

TLP250INV Datasheet (HTML) - Toshiba Semiconductor


TLP250INV Product details

TRANSISTOR INVERTER
INVERTERS FOR AIR CONDITIONER
IGBT GATE DRIVE
POWER MOS FET GATE DRIVE

The TOSHIBA TLP250(INV) consists of a GaAlAs light emitting diode and a integrated photodetector.
This unit is 8-lead DIP.
TLP250(INV) is suitable for gate driving circuit of IGBT or power MOS FET.

● Input Threshold Current : IF=5mA(MAX)
● Supply Current(ICC) : 11mA(MAX)
● Supply Voltage(VCC) : 10~35V
● Output Current(IO) : ±2.0A(MAX)
● Switching Time(tpLH/tpHL) : 0.5µs(MAX)
● Isolation Voltage : 2500Vrms
● UL Recognized : UL1577,File No.E67349
● Option(D4)
   VDE Approved : DIN VDE0884/06.92 Certificate No.76823
   Maximum Operating Insulation Voltage : 630VPK
   Highest Permissible Over Voltage : 4000VPK
   (Note):When a VDE0884 approved type is needed,
              Please designate the “Option(D4)”
● Creepage Distance : 6.4mm(MIN)
   Clearance : 6.4mm(MIN)




Similar Part No. - TLP250INV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250 TOSHIBA-TLP250 Datasheet
195Kb / 7P
GaA?밃s Ired & Photo-IC
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250H TOSHIBA-TLP250H Datasheet
329Kb / 16P
Buffer logic type (totem pole output)
TLP250HF TOSHIBA-TLP250HF Datasheet
329Kb / 16P
Buffer logic type (totem pole output)
More results


Similar Description - TLP250INV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
IGBT/Power MOS FET gate drive
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
logo
Solid State Optronic
SG8050 SSOUSA-SG8050 Datasheet
734Kb / 15P
IGBT Gate Drive Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com