Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP250H Datasheet (PDF) - Toshiba Semiconductor

TLP250H Datasheet PDF - Toshiba Semiconductor
Part # TLP250H
Download  TLP250H Download
File Size   329.89 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Buffer logic type (totem pole output)

TLP250H Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP250H Datasheet PDF - Toshiba Semiconductor

Part # TLP250H
Download  TLP250H Click to download

File Size   329.89 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Buffer logic type (totem pole output)

TLP250H Datasheet (HTML) - Toshiba Semiconductor


TLP250H Product details

General
The TLP250H is a photocoupler in a DIP8 package that consists of a GaAℓAs infrared light-emitting diode (LED) optically coupled to an integrated high-gain, high-speed photodetector IC chip. It provides guaranteed performance and specifications at temperatures up to 125 °C. The TLP250H has an internal Faraday shield that provides a guaranteed Common-mode transient immunity of ±40 kV/µs. It has a totem-pole output that can both sink and source current. The TLP250H is ideal for IGBT and power MOSFET gate drive.

Features
(1) Buffer logic type (totem pole output)
(2) Output peak current: ±2.5 A (max)
(3) Operating temperature: -40 to 125 
(4) Supply current: 3 mA (max)
(5) Supply voltage: 10 to 30 V
(6) Threshold input current: 5 mA (max)
(7) Propagation delay time: 500 ns (max)
(8) Common-mode transient immunity: ±40 kV/µs (min)
(9) Isolation voltage: 3750 Vrms (min)
(10) Safety standards
   UL-approved: UL1577, File No.E67349
   cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
   VDE-approved: EN60747-5-5, EN60065 or EN60950-1 (Note 1)
Note 1: When a VDE approved type is needed, please designate the Option (D4).

Applications
• Industrial Inverters
• Air Conditioner Inverters
• IGBT Gate Drivers
• MOSFET Gate Drivers
• Induction Cooktop and Home Appliances




Similar Part No. - TLP250H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
25-Jun-2004
TLP250 TOSHIBA-TLP250 Datasheet
224Kb / 6P
TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
27-Jun-2002
TLP250 TOSHIBA-TLP250 Datasheet
195Kb / 7P
GaA?밃s Ired & Photo-IC
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
01-Jun-2001
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
27-Jun-2002
More results


Similar Description - TLP250H

ManufacturerPart #DatasheetDescription
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Sharp Corporation
IS431 SHARP-IS431 Datasheet
136Kb / 4P
TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
logo
NEC
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
Toshiba Semiconductor
TLP2358 TOSHIBA-TLP2358 Datasheet
257Kb / 11P
Inverter logic type (totem pole output)
TLP2160 TOSHIBA-TLP2160 Datasheet
328Kb / 14P
Inverter logic type (Totem pole output)
TLP2361 TOSHIBA-TLP2361 Datasheet
424Kb / 16P
Inverter logic type (Totem pole output)
logo
Renesas Technology Corp
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
logo
ON Semiconductor
NCP1680 ONSEMI-NCP1680 Datasheet
2Mb / 37P
CrM Totem Pole PFC IC Totem Pole CrM Power Factor Correction Controller
June, 2021 Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com