Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2160 Datasheet (PDF) - Toshiba Semiconductor

TLP2160 Datasheet PDF - Toshiba Semiconductor
Part # TLP2160
Download  TLP2160 Download
File Size   328.87 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Inverter logic type (Totem pole output)

TLP2160 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2160 Datasheet PDF - Toshiba Semiconductor

Part # TLP2160
Download  TLP2160 Click to download

File Size   328.87 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Inverter logic type (Totem pole output)

TLP2160 Datasheet (HTML) - Toshiba Semiconductor


TLP2160 Product details

General
The Toshiba TLP2160 consists of a high-output GaAℓAs light-emitting diode coupled with a high-speed photodiode-transistor chip. TLP2160 guarantees operation at up to 125 and on supplies from 2.7 V to 5.5 V. It is offered in the SO8 package. It has a totem-pole output that can both sink and source current. With two LEDphotoreceptor pairs, the TLP2160 helps save board space. An internal noise shield provides a guaranteed common-mode transient immunity of 20 kV/µs.
   
Features
(1) Inverter logic type (Totem pole output)
(2) Package: SO8
(3) Operating temperature: -40 to 125
(4) Supply voltage: 2.7 to 5.5 V
(5) Data transfer rate: 20 MBd (typ.) (NRZ)
(6) Threshold input current: 3.5 mA (max)
(7) Supply current: 5 mA (max)
(8) Common-mode transient immunity: ±20 kV/µs (min)
(9) Isolation voltage: 2500 Vrms (min)
(10) Safety standards
    UL-approved: UL1577 File No.E67349
    cUL-approved: CSA Component Acceptance Service No.5A, File No.E67349
    VDE-approved: Option (V4) EN60747-5-5 (Note)
   
Applications
• Factory Networking
• High-Speed Digital Interfacing for Instrumentation and Control Devices
• Plasma Display Panels (PDPs)
   




Similar Part No. - TLP2160

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP216 TOSHIBA-TLP216 Datasheet
519Kb / 9P
DIGITAL LOGIC INTERFACE MICROPROCESSOR SYSTEM INTERFACE ISOLATED BUS DRIVER LINE RECEIVER GROUND LOOP ELIMINATION
TLP2161 TOSHIBA-TLP2161 Datasheet
448Kb / 17P
Infrared LED & Photo IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
Inverter logic type (open collector output)
More results


Similar Description - TLP2160

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS431 SHARP-IS431 Datasheet
136Kb / 4P
TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
Toshiba Semiconductor
TLP250H TOSHIBA-TLP250H Datasheet
329Kb / 16P
Buffer logic type (totem pole output)
TLP2358 TOSHIBA-TLP2358 Datasheet
257Kb / 11P
Inverter logic type (totem pole output)
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
Inverter logic type (open collector output)
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
Inverter logic type (open collector output)
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
Inverter logic type (open collector output)
TLP2361 TOSHIBA-TLP2361 Datasheet
424Kb / 16P
Inverter logic type (Totem pole output)
logo
Renesas Technology Corp
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com