Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2168 Datasheet (PDF) - Toshiba Semiconductor

TLP2168 Datasheet PDF - Toshiba Semiconductor
Part # TLP2168
Download  TLP2168 Download
File Size   343.96 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaA As Infrared LED & Photo IC

TLP2168 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2168 Datasheet PDF - Toshiba Semiconductor

Part # TLP2168
Download  TLP2168 Click to download

File Size   343.96 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaA As Infrared LED & Photo IC

TLP2168 Datasheet (HTML) - Toshiba Semiconductor


TLP2168 Product details

General
The TLP2168 consists of high-intensity GaAℓAs infrared light-emitting diodes (LEDs) optically coupled to a high-gain, high-speed photoreceptor chip. The TLP2168 guarantees operation at up to 125°C and on supplies from 2.7 V to 5.5 V. It is offered in the SO8 package. With two LED-photoreceptor pairs, the TLP2168 helps save board space. An internal noise shield provides superior common-mode rejection for improved noise immunity.
   
Features
(1) Inverter logic type (open collector output)
(2) Package: SO8
(3) Operating temperature: -40 to 125
(4) Supply voltage: 2.7 to 5.5 V
(5) Data transfer rate: 20 MBd (typ.)(NRZ)
(6) Threshold input current: 5.0 mA (max)
(7) Supply current: 8 mA (max)
(8) Common-mode transient immunity: ±15 kV/µs (min)
(9) Isolation voltage: 2500 Vrms (min)
(10) Safety standards
    UL-approved: UL1577 File No.E67349
    cUL-approved: CSA Component Acceptance Service No.5A, File No.E67349
    VDE-approved: Option (V4) EN60747-5-2 (Note)
   
Applications
• Plasma Display Panels (PDPs)
• Factory Automation (FA)
• Measuring Instruments
   




Similar Part No. - TLP2168

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
Inverter logic type (open collector output)
More results


Similar Description - TLP2168

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP152 TOSHIBA-TLP152 Datasheet
207Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP155 TOSHIBA-TLP155 Datasheet
200Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
Photocouplers GaA-As Infrared LED and Photo IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com