Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP754 Datasheet (PDF) - Toshiba Semiconductor

TLP754 Datasheet PDF - Toshiba Semiconductor
Part # TLP754
Download  TLP754 Download
File Size   375.19 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaA As Infrared LED & Photo IC

TLP754 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP754 Datasheet PDF - Toshiba Semiconductor

Part # TLP754
Download  TLP754 Click to download

File Size   375.19 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaA As Infrared LED & Photo IC

TLP754 Datasheet (HTML) - Toshiba Semiconductor


TLP754 Product details

General
The TLP754 is a photocoupler in a DIP8 package that consists of a GaAℓAs infrared light-emitting diode (LED) optically coupled to an integrated high-gain, high-speed photodetector IC chip. It provides guaranteed performance and specifications at temperatures up to 125°C. An internal noise shield provides a guaranteed common mode transient immunity of ±20 kV/µs. The TLP754 guarantees minimum and maximum of propagation delay time, pulse width distortion. Therefore it is suitable for isolation interface between IPM and control IC circuits in motor control application.

Features
(1) Inverter logic type (open collector output)
(2) Package: DIP8
(3) Operating temperature: -40 to 125°C 
(4) Supply voltage: -0.5 to 30 V
(5) Threshold input current: 5.0 mA (max)
(6) Supply current: 1.3 mA (max)
(7) Propagation delay time: tpHL = 400 ns (max), tpLH = 550 ns (max)
(8) Pulse width distortion: 400 ns (max)
(9) Common-mode transient immunity: ±20 kV/µs (min)
(10) Isolation voltage: 5000 Vrms (min)
(11) Safety standards
   UL-approved: UL1577, File No.E67349
   cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
   VDE-approved: EN60747-5-5, EN60065 or EN60950-1 (Note 1)
Note 1: When a VDE approved type is needed, please designate the Option (D4).

Applications
• Intelligent Power Module Signal Isolation
• Factory Automation (FA)
• Industrial Inverters




Similar Part No. - TLP754

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
Inverter logic type (open collector output)
More results


Similar Description - TLP754

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP152 TOSHIBA-TLP152 Datasheet
207Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP155 TOSHIBA-TLP155 Datasheet
200Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
Photocouplers GaA-As Infrared LED and Photo IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com