Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP155 Datasheet (PDF) - Toshiba Semiconductor

TLP155 Datasheet PDF - Toshiba Semiconductor
Part # TLP155
Download  TLP155 Download
File Size   200.25 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaA As Infrared LED & Photo IC

TLP155 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP155 Datasheet PDF - Toshiba Semiconductor

Part # TLP155
Download  TLP155 Click to download

File Size   200.25 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaA As Infrared LED & Photo IC

TLP155 Datasheet (HTML) - Toshiba Semiconductor


TLP155 Product details

General

The Toshiba TLP155 consists of a GaAℓAs infrared light-emitting diodes and integrated high gain, high-speed photodetectors. The TLP155 is housed in the SO6 package. The photodetector has an internal Faraday shield that provides a guaranteed Common-mode transient immunity of ±20 kV/µ. TLP155 is suitable for direct gate driving circuit for IGBTs or power MOSFETs.



Features

(1) Buffer logic type (Totem pole output)

(2) Package type: SO6

(3) Output peak current: ±0.6 A (max)

(4) Operating temperature: -40 to 100

(5) Threshold input current: 7.5 mA (max)

(6) Propagation delay time: tpHL/tpLH = 200 ns (max)

(7) Common-mode transient immunity: ±20 kV/µs (min)

(8) Propagation delay skew: ±85 ns(max)

(9) Isolation voltage: 3750 Vrms (min)



Applications

• Plasma Display Panels (PDPs)

• Transistor Inverters

• MOSFET Gate Drivers

• IGBT Gate Drivers

 




Similar Part No. - TLP155

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results


Similar Description - TLP155

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP152 TOSHIBA-TLP152 Datasheet
207Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
Photocouplers GaA-As Infrared LED and Photo IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com