Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP2303 Datasheet (PDF) - Toshiba Semiconductor

TLP2303 Datasheet PDF - Toshiba Semiconductor
Part # TLP2303
Download  TLP2303 Download
File Size   286.07 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaA As Infrared LED & Photo IC

TLP2303 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP2303 Datasheet PDF - Toshiba Semiconductor

Part # TLP2303
Download  TLP2303 Click to download

File Size   286.07 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocouplers GaA As Infrared LED & Photo IC

TLP2303 Datasheet (HTML) - Toshiba Semiconductor


TLP2303 Product details

General
The Toshiba TLP2303 consists of a high-output GaAℓAs light-emitting diode coupled with a high-speed photodiode-transistor chip. It is housed in the SO6 package.The high-speed, high-gain detector element is used, since the current transfer ratio is 900 % (@ IF = 0.5 mA) minimum over -40 to 125 °C and thus is ideal for applications which require low input current and high-speed data transmission.TLP2303 corresponds to the transmission rate of 100 kbps, and has become a product which fills between a general-purpose transistor coupler and IC couplers corresponding to 1 Mbps.

Features
(1) Package: SO6
(2) Operating temperature: -40 to 125°C
(3) Current transfer ratio: 900 % (min) @IF = 0.5 mA
(4) Maximum output current: 80 mA
(5) Propagation delay time: tpHL = 15 µs (max), tpLH = 50 µs (max) @ RL = 4.7 kΩ, IF = 0.5 mA, Ta = 25°C
(6) Isolation voltage: 3750 Vrms (min)
(7) Safety standards
   UL-approved: UL1577, File No.E67349
   cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
   VDE-approved: EN60747-5-5, EN60065 or EN60950-1 (Note 1)
   CQC-approved: GB4943.1, GB8898 Thailand Factory

Applications
• Industrial Inverters
• Communications Equipment
• Home Electric Appliances




Similar Part No. - TLP2303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
Photocouplers GaA-As Infrared LED - Photo IC
More results


Similar Description - TLP2303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP152 TOSHIBA-TLP152 Datasheet
207Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP155 TOSHIBA-TLP155 Datasheet
200Kb / 10P
Photocouplers GaA As Infrared LED & Photo IC
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
Photocouplers GaA As Infrared LED & Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2303 TOSHIBA-TLP2303_16 Datasheet
435Kb / 16P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
Photocouplers GaA-As Infrared LED - Photo IC
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
Photocouplers GaA-As Infrared LED and Photo IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com