Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP351 Datasheet (PDF) - Toshiba Semiconductor

TLP351 Datasheet PDF - Toshiba Semiconductor
Part # TLP351
Download  TLP351 Download
File Size   241.66 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter

TLP351 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP351 Datasheet PDF - Toshiba Semiconductor

Part # TLP351
Download  TLP351 Click to download

File Size   241.66 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter

TLP351 Datasheet (HTML) - Toshiba Semiconductor


TLP351 Product details

Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter



The TOSHIBA TLP351 consists of a GaAℓAs light emitting diode and a integrated photodetector.

This unit is 8-lead DIP package. TLP351 is suitable for gate driving circuit of IGBT or power MOS FET. Especially TLP351 is capable of “direct” gate drive of lower Power IGBTs.



•  Peak output current: ±0.6 A (max)

•  Guaranteed performance over temperature: −40 to 100°C

•  Supply current: 2 mA (max)

•  Power supply voltage: 10 to 30 V

•  Threshold input current : IF= 5 mA (max)

•  Switching time (tpLH/tpHL) : 700 ns (max)

•  Common mode transient immunity: 10 kV/μs

•  Isolation voltage: 3750 Vrms

•  Option(D4)

   VDE Approved : DIN EN60747-5-2

  Maximum Operating Insulation Voltage : 890VPK

  Highest Permissible Over Voltage   : 4000VPK




Similar Part No. - TLP351

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP351 TOSHIBA-TLP351 Datasheet
222Kb / 8P
GaA?밃s IRED Photo IC
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351AF TOSHIBA-TLP351AF Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
GaA?밃s IRED Photo IC
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
More results


Similar Description - TLP351

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
25-Jun-2004
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
01-Jun-2001
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
27-Oct-2003
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
27-Jun-2002
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
17-Jan-2006
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
19-Oct-2004
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
IGBT/Power MOS FET gate drive
TLP557 TOSHIBA-TLP557_07 Datasheet
196Kb / 7P
Inverter For Air Conditioner
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com