Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP351F Datasheet (PDF) - Toshiba Semiconductor

TLP351F Datasheet PDF - Toshiba Semiconductor
Part # TLP351F
Download  TLP351F Download
File Size   115.39 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description GaA?밃s IRED Photo IC

TLP351F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP351F Datasheet PDF - Toshiba Semiconductor

Part # TLP351F
Download  TLP351F Click to download

File Size   115.39 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description GaA?밃s IRED Photo IC

TLP351F Datasheet (HTML) - Toshiba Semiconductor


TLP351F Product details

Inverter for Air Conditioner IGBT/Power MOSFET Gate Drive Industrial Inverter



The TOSHIBA TLP351F consists of a GaAℓAs light emitting diode and a integrated photodetector. This unit is 8-lead DIP package. TLP351F is suitable for gate driving circuit of IGBT or power MOSFET. Especially TLP351F is capable of “direct” gate drive of lower Power IGBTs.

Absolute maximum ratings and electrical characteristics are the same as TLP351 technical datasheet.



•  Peak output current: ±0.6 A (max)

•  Guaranteed performance over temperature: −40 to 100°C

•  Supply current: 2 mA (max)

•  Power supply voltage: 10 to 30 V

•  Threshold input current : IF= 5 mA (max)

•  Switching time (tpLH/tpHL) : 700 ns (max)

•  Common mode transient immunity: 10 kV/μs

•  Isolation voltage: 3750 Vrms

•  Construction mechanical rating

•  Option(D4)

    VDE Approved : DIN EN60747-5-2

   Maximum Operating Insulation Voltage : 1140VPK

   Highest Permissible Over Voltage   : 6000VPK

   (Note): When an EN60747-5-2 approved type is needed, Please designate “Option(D4)”




Similar Part No. - TLP351F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP351 TOSHIBA-TLP351 Datasheet
222Kb / 8P
GaA?밃s IRED Photo IC
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351AF TOSHIBA-TLP351AF Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
More results


Similar Description - TLP351F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
GaA?밃s Ired & Photo-IC
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
GaA?밃s IRED Photo IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
GaA?밃s Ired & Photo-IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com