Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP705 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP705
Description  Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP705 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP705 Datasheet HTML 1Page - Toshiba Semiconductor TLP705 Datasheet HTML 2Page - Toshiba Semiconductor TLP705 Datasheet HTML 3Page - Toshiba Semiconductor TLP705 Datasheet HTML 4Page - Toshiba Semiconductor TLP705 Datasheet HTML 5Page - Toshiba Semiconductor TLP705 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP705
2004-10-19
2
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
20
mA
Forward current derating (Ta ≥ 85°C)
∆IF/∆Ta
−0.54
mA/°C
Peak transient forward current
(Note 1)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
“H” peak output current
(Note 2)
IOPH
−0.45
A
“L” peak output current
(Note 2)
IOPL
0.45
A
Output voltage
VO
25
V
Supply voltage
VCC
25
V
Junction temperature
Tj
125
°C
Operating frequency
(Note 3)
f
250
kHz
Storage temperature range
Tstg
−55 to 125
°C
Operating temperature range
Topr
−40 to 100
°C
Lead soldering temperature (10 s)
(Note 4)
Tsol
260
°C
Isolation voltage (AC, 1 minute, R.H. ≤ 60%)
(Note 5)
BVS
5000
Vr m s
Note 1: Pulse width PW ≤ 1µs, 300 pps
Note 2: Exponential waveform pulse width PW ≤ 10 µs , f ≤15 kHz
Note 3: Exponential waveform IOPH ≤-0.25 A (≤80 ns) , IOPL ≤+0.25 A (≤80 ns) ,Ta
=100 °C
Note 4: It is effective soldering area of Lead .
Note 5: Device considerd a two terminal device: pins 1, 2 and 3 shorted together, and pins 4, 5 and 6 shorted
together.
Note 6: A ceramic capacitor(0.1
µF) should be connected from pin 6 to pin 4 to stabilize the operation of the high
gain linear amplifier. Failure to provide the bypassing may impair the switching property.
The total lead length between capacitor and coupler should not exceed 1 cm.
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Input current, ON
(Note 7)
IF (ON)
10
15
mA
Input voltage, OFF
VF (OFF)
0
0.8
V
Supply voltage
VCC
10
20
V
Peak output current
IOPH / IOPL
± 0.15
A
Operating temperature
Topr
- 40
100
°C
Note 7: Input signal rise time (fall time)
< 0.5 µs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com