Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP705 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP705
Description  Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP705 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP705 Datasheet HTML 1Page - Toshiba Semiconductor TLP705 Datasheet HTML 2Page - Toshiba Semiconductor TLP705 Datasheet HTML 3Page - Toshiba Semiconductor TLP705 Datasheet HTML 4Page - Toshiba Semiconductor TLP705 Datasheet HTML 5Page - Toshiba Semiconductor TLP705 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP705
2004-10-19
4
Switching Characteristics (Ta
==== −−−−40 to 100°C, unless otherwise specified)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.*
Max
Unit
L
→ H
tpLH
Ta= 25℃
IF = 0→10 mA
70
95
170
Propagation delay time
H
→ L
tpHL
Ta= 25 ℃
IF = 10→ 0 mA
70
105
170
L
→ H
tpLH
Ta= -40 to100℃
IF = 0→10 mA
50
200
Propagation delay time
H
→ L
tpHL
Ta= -40 to100℃
IF = 10→0 mA
50
200
Propagation delay difference
between any two parts or channels
tpsk
Ta= -40 to100℃
IF = 10 mA
-90
90
Pulse Width Distortion
PWD
(tpHL-tpLH)
Ta= -40 to100℃
IF = 10 mA
-65
65
Output rise time (10-90%)
tr
IF = 0 → 10 mA
Output fall time (90-10%)
tf
7
VCC = 20 V
Rg = 30 Ω
Cg = 1 nF
f=250kHz
Duty Cycle
=50%
IF = 10 → 0 mA
ns
Common mode transient immunity
at hight level output
CMH
IF = 10 mA
VO (min) = 16 V
−10000
Common mode transient immunity
at low level output
CML
8
VCM =
1000Vp-p
VCC = 20 V
Ta
= 25°C
IF = 0 mA
VO (max) = 1 V
10000
V/
µs
*: All typical values are at Ta
= 25°C
Test Circuit 1: IOPH
Test Circuit 2: IOPL
Test Circuit 3: VOH
Test Circuit 4: VOL
A
IF
1
3
4
6
IOPH
V6-5
VCC
V
VCC
VOH
A
IOPL
V5-4
VCC
VOL
VCC
V
VF
1
3
4
6
IF
1
3
4
6
1
3
4
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com