Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3UG10B Datasheet (PDF) - Toshiba Semiconductor

TCR3UG10B Datasheet PDF - Toshiba Semiconductor
Part # TCR3UG10B
Download  TCR3UG10B Download
File Size   707.49 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package

TCR3UG10B Datasheet (PDF)

Go To PDF Page Download Datasheet
TCR3UG10B Datasheet PDF - Toshiba Semiconductor

Part # TCR3UG10B
Download  TCR3UG10B Click to download

File Size   707.49 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package

TCR3UG10B Datasheet (HTML) - Toshiba Semiconductor


TCR3UG10B Product details

1. Description
The TCR3UG series are CMOS general-purpose single-output voltage
regulators with an on/off control input, featuring ultra low quiescent bias
current and low dropout voltage.
These voltage regulators are available in fixed output voltages between 0.8
V and 5.0 V and capable of driving up to 300 mA. They feature Over-current
protection, Thermal Shutdown function and Auto-discharge option.
The TCR3UG series is offered in the ultra small plastic mold package
WCSP4F (0.645 mm x 0.645 mm (typ.); t 0.33 mm (max)) and has a low
dropout voltage of 155 mV (3.3 V output, IOUT = 300 mA). As small ceramic
input and output capacitors 1 μF can be used with the TCR3UG series, these
devices are ideal for portable applications that require high-density board
assembly
such as cellular phones, IoT equipment and wearable devices.

2. Applications
Power IC developed for portable applications, IoT equipment and wearable devices

3. Features
• Ultra small package WCSP4F (0.645 mm x 0.645 mm (typ.); t 0.33 mm (max)).
• Low quiescent bias current (IB(ON) = 0.34 μA (typ.) at IOUT = 0 mA, output voltage up to 1.5 V)
• High ripple rejection ratio 70 dB at 0.8 V-output
• Fast load transient response ± 60 mV at 0.8 V-output, IOUT = 1 mA ⇔ 50 mA
• Low dropout voltage
VDO =VIN-VOUT = 140 mV (typ.) at 3.3 V-output, IOUT = 300 mA
• Wide range output voltage line up (VOUT = 0.8 to 5.0 V)
• High VOUT accuracy ± 1.0 % (1.8 V ≤ VOUT)
• Auto-discharge (TCR3UGxxA series)/ Non-discharge (TCR3UGxxB series) line up
• Overcurrent protection
• Thermal shutdown function
• Inrush current protection circuit
• Pull down connection between CONTROL and GND
• Ceramic capacitors can be used (CIN = 1 μF, COUT = 1 μF)




Similar Part No. - TCR3UG10B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR3UM TOSHIBA-TCR3UM Datasheet
846Kb / 17P
Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2021-11-16
TCR3UM085A TOSHIBA-TCR3UM085A Datasheet
846Kb / 17P
Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2021-11-16
TCR3UM08A TOSHIBA-TCR3UM08A Datasheet
846Kb / 17P
Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2021-11-16
TCR3UM095A TOSHIBA-TCR3UM095A Datasheet
846Kb / 17P
Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2021-11-16
TCR3UM09A TOSHIBA-TCR3UM09A Datasheet
846Kb / 17P
Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2021-11-16
More results


Similar Description - TCR3UG10B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
logo
Diodes Incorporated
AP7362 DIODES-AP7362 Datasheet
285Kb / 13P
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7363 DIODES-AP7363 Datasheet
299Kb / 14P
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
Rev 2
logo
Texas Instruments
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP4681 ONSEMI-NCP4681 Datasheet
340Kb / 18P
Ultra Low Quiescent Current, Low Dropout Regulator
September, 2013 ??Rev. 3
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
logo
Toshiba Semiconductor
TCR3UM TOSHIBA-TCR3UM Datasheet
846Kb / 17P
Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2021-11-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com