Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN233 Datasheet (PDF) - STMicroelectronics

STSPIN233 Datasheet PDF - STMicroelectronics
Part # STSPIN233
Download  STSPIN233 Download
File Size   448.39 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage three phase and three sense motor driver

STSPIN233 Datasheet (PDF)

Go To PDF Page Download Datasheet
STSPIN233 Datasheet PDF - STMicroelectronics

Part # STSPIN233
Download  STSPIN233 Click to download

File Size   448.39 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage three phase and three sense motor driver

STSPIN233 Datasheet (HTML) - STMicroelectronics


STSPIN233 Product details

Features
 Operating voltage from 1.8 to 10 V
 Maximum output current 1.3 Arms
 RDS(ON) HS + LS = 0.4 Ω typ.
 Full protection set
– Non-dissipative overcurrent protection
– Short-circuit protection
– Thermal shutdown
 Supporting three shunt sensing topology
 Direct driving, dedicated input and enable pin
for each half-bridge
 Energy saving and long battery life with
standby consumption less than 80 nA

Applications
 Battery-powered 3-phase brushless (BLDC)
motors in applications such as
– Drones and portable gimbals
– Portable health care products
– Low voltage electronic valves
– Portable medical equipment
– Toys
– Robotics

Description
The STSPIN233 device integrates a triple halfbridge
low RDS(ON) power stage in a small
VFQFPN 3 x 3 x 1.0 mm package ideal for small
and space constrained applications.
The device is designed to operate in batterypowered
scenarios and can be forced in a zero
consumption state, allowing a significant increase
in battery life.
The STSPIN233 is supporting three shunt
sensing topology.
The device offers a complete set of protection
including overcurrent, overtemperature and shortcircuit
protection.




Similar Part No. - STSPIN233

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN230 STMICROELECTRONICS-STSPIN230 Datasheet
436Kb / 22P
Low voltage triple half-bridge motor driver for BLDC motors
November 2016 Rev 4
More results


Similar Description - STSPIN233

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
THREE PHASE MOTOR DRIVER
Mar-1998
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
Three-Phase Brushless Motor Driver
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
Three-Phase Brushless Motor Driver
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
THREE PHASE MOTOR DRIVER
Aug-2003
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
Three phase motor driver
15-Nov-2011
logo
Texas Instruments
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
THREE PHASE PWM MOTOR DRIVER
logo
STMicroelectronics
STSPIN830 STMICROELECTRONICS-STSPIN830 Datasheet
945Kb / 27P
Compact and versatile three-phase and three-sense motor driver
Rev 2 - August 2019
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
Three phase motor driver
15-Nov-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com