Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN233 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSPIN233
Description  Low voltage three phase and three sense motor driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN233 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSPIN233 Datasheet HTML 4Page - STMicroelectronics STSPIN233 Datasheet HTML 5Page - STMicroelectronics STSPIN233 Datasheet HTML 6Page - STMicroelectronics STSPIN233 Datasheet HTML 7Page - STMicroelectronics STSPIN233 Datasheet HTML 8Page - STMicroelectronics STSPIN233 Datasheet HTML 9Page - STMicroelectronics STSPIN233 Datasheet HTML 10Page - STMicroelectronics STSPIN233 Datasheet HTML 11Page - STMicroelectronics STSPIN233 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
STSPIN233
8/22
DocID031111 Rev 1
3
Electrical characteristics
Testing conditions: VS = 5 V, Tj = 25 °C unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
Supply
VSth(ON)
VS turn-on voltage
VS rising from 0 V
1.45 1.65 1.79
V
VSth(OFF)
VS turn-off voltage
VS falling from 5 V
1.3
1.45 1.65
V
VSth(HYS)
VS hysteresis voltage
-
-
180
-
mV
IS
VS supply current
No commutations EN = 0
-
900 1300
A
No commutations EN = 1
-
1500 1950
A
IS,STBY
VS standby current
STBY = 0 V
-
10
80
nA
VSTBYL
Standby low voltage
-
-
-
0.9
V
VSTBYH
Standby high voltage
-
1.48
-
-
V
Power stage
RDS(ON)HS+LS Total on resistance HS + LS
VS = 10 V, IOUT = 1.3 A
-
0.4
0.65
VS = 10 V, IOUT = 1.3 A, Tj = 125 °C(1)
-
0.53 0.87
VS = 3 V, IOUT = 0.4 A
-
0.53
0.8
IDSS
Leakage current
OUTx = VS
--
1
A
OUTx = GND
- 1
-
-
VDF
Freewheeling diode forward
voltage
ID = 1.3 A
-
0.9
-
V
trise
Rise time
VS = 10 V; unloaded outputs
-
10
-
ns
tfall
Fall time
VS = 10 V; unloaded outputs
-
10
-
ns
tDT
Integrated dead time
-
50
-
ns
Logic IOs
VIH
High logic level input voltage
-
1.6
-
-
V
VIL
Low logic level input voltage
-
-
-
0.6
V
VRELEASE
FAULT open-drain release
voltage
--
-
0.4
V
VOL
EN Low logic level output voltage IEN = 4 mA
-
-
0.4
V
RSTBY
STBY pull-down resistance
-
-
36
-
k
IPDEN
EN pull-down current
-
-
10.5
-
µA
tEnd
EN input propagation delay
From EN falling edge to OUT high
impedance
-55
-
ns
tIN,d(ON)
Turn-on propagation delay
From INx rising edge to 10% of OUTx
-
125
-
ns
tIN,d(OFF)
Turn-off propagation delay
From INx falling edge to 90% of OUTx
-
140
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com