Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN233 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STSPIN233
Description  Low voltage three phase and three sense motor driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN233 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STSPIN233 Datasheet HTML 14Page - STMicroelectronics STSPIN233 Datasheet HTML 15Page - STMicroelectronics STSPIN233 Datasheet HTML 16Page - STMicroelectronics STSPIN233 Datasheet HTML 17Page - STMicroelectronics STSPIN233 Datasheet HTML 18Page - STMicroelectronics STSPIN233 Datasheet HTML 19Page - STMicroelectronics STSPIN233 Datasheet HTML 20Page - STMicroelectronics STSPIN233 Datasheet HTML 21Page - STMicroelectronics STSPIN233 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Package information
STSPIN233
20/22
DocID031111 Rev 1
Figure 12. VFQFPN 3 x 3 x 1.0 16L recommended footprint
Table 9. VFQFPN 3 x 3 x 1.0 16L package mechanical data(1)
1. VFQFPN stands for thermally enhanced “Very thin Fine pitch Quad Packages No lead”. Very thin:
0.80 < A ≤ 1.00 mm / fine pitch: e < 1.00 mm. The topside terminal A1 indicator may be a molded or
metalized feature. The optional indicator on the bottom surface may be a molded, marked or metalized
feature.
Symbol
Dimensions (mm)
Notes
Min.
Typ.
Max.
A
0.80
0.90
1.00
-
A1
0.00
0.02
0.005
(2)
2. A1 is defined as the distance from the seating plane to the lowest point on the package body (standoff).
A3
-
0.20 REF.
-
-
b
0.20
0.25
0.30
(3)
3. Dimensions “b” and “L” are measured at terminal plating surface.
D3.00 BSC
-
D1
1.50 BSC
-
D2
1.70
1.80
1.90
-
e0.50 BSC
-
E3.00 BSC
-
E1
1.50 BSC
-
E2
1.70
1.80
1.90
-
L
0.30
0.40
0.50
(3)
ddd
0.05
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com