Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN233 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STSPIN233
Description  Low voltage three phase and three sense motor driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN233 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STSPIN233 Datasheet HTML 9Page - STMicroelectronics STSPIN233 Datasheet HTML 10Page - STMicroelectronics STSPIN233 Datasheet HTML 11Page - STMicroelectronics STSPIN233 Datasheet HTML 12Page - STMicroelectronics STSPIN233 Datasheet HTML 13Page - STMicroelectronics STSPIN233 Datasheet HTML 14Page - STMicroelectronics STSPIN233 Datasheet HTML 15Page - STMicroelectronics STSPIN233 Datasheet HTML 16Page - STMicroelectronics STSPIN233 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DocID031111 Rev 1
13/22
STSPIN233
Description
22
6
Description
The STSPIN233 device is a protected triple half-bridge motor driver.
6.1
Standby and power-up
The device provides a low consumption mode which is set forcing the STBY\RESET input
below the VSTBYL threshold.
When the device is in the standby status the power stage is disabled (outputs are in high
impedance) and the supply to the integrated control circuitry is cut off. When the device
leaves the standby status, all the control circuitry is reset at power-up condition.
6.2
Motor driving
The outputs of the three half-bridges are directly driven through the logic input as listed in
Table 8.
6.3
Overcurrent and short-circuit protections
The device embeds a circuitry protecting each power output against the overload and short-
circuit conditions (short-circuit to ground, short-circuit to VS and short-circuit between
outputs).
When the overcurrent or the short-circuit protection is triggered, the power stage is disabled
and the EN\FAULT input is forced low through the integrated open-drain MOSFET
discharging the external CEN capacitor (refer to Figure 4).
The power stage is kept disabled and the open-drain MOSFET is kept ON until the
EN\FAULT input falls below the VRELEASE threshold, then the CEN capacitor is charged
through the REN resistor.
Table 8. ENx and INx truth table
EN\FAULT
ENx
INx
OUTx
'x' half-bridge condition
0
X
X
HiZ
Disabled
1
0
X
HiZ
Disabled
1
1
0
GND
Low side MOSFET ON
1
1
1
VS
High side MOSFET ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com