Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR8BM Datasheet (PDF) - Toshiba Semiconductor

TCR8BM Datasheet PDF - Toshiba Semiconductor
Part # TCR8BM
Download  TCR8BM Download
File Size   1184.28 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 800 mA CMOS Ultra Low Dropout Regulator

TCR8BM Datasheet (PDF)

Go To PDF Page Download Datasheet
TCR8BM Datasheet PDF - Toshiba Semiconductor

Part # TCR8BM
Download  TCR8BM Click to download

File Size   1184.28 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 800 mA CMOS Ultra Low Dropout Regulator

TCR8BM Datasheet (HTML) - Toshiba Semiconductor


TCR8BM Product details

1. Description
The TCR8BM series are CMOS single-output voltage regulators with an on/off control input, featuring ultra low dropout voltage, high PSRR, low inrush current and fast load transient response.
A differentiating feature is the use of a secondary bias rail as a reference voltage that allows ultra low dropout of 170 mV (Typ.) at IOUT = 800 mA (1.1 V output, VBIAS = 3.3 V).
These voltage regulators are available in fixed output voltages between 0.8 V and 3.6 V, and capable of driving up to 800 mA. Other features include overcurrent protection, thermal shutdown, and Auto-discharge.
The TCR8BM series are offered in the ultra small plastic mold package DFN5B (1.2 mm x 1.2 mm; t 0.38 mm).
As small ceramic input and output capacitors can be used with the TCR8BM series, these devices are ideal for portable applications that require high-density board assembly such as cellular phones.

2. Application
Power IC developed for portable applications

3. Features
 Low dropout voltage
VDO = 170 mV (Typ.) at 1.1 V output, VBIAS = 3.3 V, IOUT = 800 mA
 Low stand-by current (IBIAS(OFF) = 1 μA (Max))
 Low quiescent bias current (IBIAS(ON) = 20 μA (Typ.) at VBIAS = 5.5 V, IOUT = 0 mA)
 Wide range output voltage line up (VOUT = 0.8 to 3.6 V)
 Overcurrent protection
 Thermal shutdown
 Inrush current reduction
 Under voltage lockout (TCR8BMxxA products)
 Auto-discharge
 Pull down connection between CONTROL and GND
 Ultra small package DFN5B (1.2 mm x 1.2 mm ; t 0.38 mm)




Similar Part No. - TCR8BM

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TCR TEC-TCR Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Bel Fuse Inc.
TCR-4-48G BEL-TCR-4-48G Datasheet
799Kb / 5P
Compatible with all TCP3500 PSU models
logo
MORNSUN Science& Techno...
TCR03PI MORNSUN-TCR03PI Datasheet
456Kb / 3P
Thermocouple Temperature Signal Input Alarms
logo
QuWireless
TCR100 QUWIRELESS-TCR100 Datasheet
3Mb / 6P
INTEGRATED MULTI-BAND LTE OMNI ANTENNA PLACE TO INSTALL Teltonika TCR100 (ALL-IN-ONE)
2.07
logo
Toshiba Semiconductor
TCR13AGADJ TOSHIBA-TCR13AGADJ Datasheet
537Kb / 21P
1.3 A CMOS Ultra Low Dropout Regulator
More results


Similar Description - TCR8BM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2117 MICROCHIP-TC2117_06 Datasheet
821Kb / 18P
800 mA Fixed Low Dropout Positive Regulator
2006
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
800 mA Fixed Low Dropout Positive Regulator
10/19/06
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
800-mA Low-Dropout Linear Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
800 mA Low-Dropout Linear Regulator
Rev.A 1117-3.3
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com