Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR5BM Datasheet (PDF) - Toshiba Semiconductor

TCR5BM Datasheet PDF - Toshiba Semiconductor
Part # TCR5BM
Download  TCR5BM Download
File Size   1368.44 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 500 mA CMOS Ultra Low Dropout Regulator

TCR5BM Datasheet (PDF)

Go To PDF Page Download Datasheet
TCR5BM Datasheet PDF - Toshiba Semiconductor

Part # TCR5BM
Download  TCR5BM Click to download

File Size   1368.44 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 500 mA CMOS Ultra Low Dropout Regulator

TCR5BM Datasheet (HTML) - Toshiba Semiconductor


TCR5BM Product details

1. Description
The TCR5BM series are CMOS single-output voltage regulators with an on/off control input, featuring ultra low dropout voltage, high PSRR, low inrush current and fast load transient response.
A differentiating feature is the use of a secondary bias rail as a reference voltage that allows ultra low dropout of 100 mV (Typ.) at IOUT = 500 mA (1.1 V output, VBIAS = 3.3 V).
These voltage regulators are available in fixed output voltages between 0.8 V and 3.6 V, and capable of driving up to 500 mA. Other features include overcurrent protection, thermal shutdown, and Auto-discharge.
The TCR5BM series are offered in the ultra small plastic mold package DFN5B (1.2 mm x 1.2 mm; t 0.38 mm).
As small ceramic input and output capacitors can be used with the TCR5BM series, these devices are ideal for portable applications that require high-density board assembly such as cellular phones.

2. Application
Power IC developed for portable applications

3. Features
 Low dropout voltage
VDO = 100 mV (Typ.) at 1.1 V output, VBIAS = 3.3 V, IOUT = 500 mA
 Low stand-by current (IBIAS(OFF) = 1 μA (Max))
 Low quiescent bias current (IBIAS(ON) = 19 μA (Typ.) at VBIAS = 5.3 V, IOUT = 0 mA)
 Wide range output voltage line up VOUT = 0.8 to 3.6 V
 Overcurrent protection
 Thermal shutdown
 Inrush current reduction
 Under voltage lockout (TCR5BMxxA products)
 Auto-discharge
 Pull down connection between CONTROL and GND
 Ultra small package DFN5B (1.2 mm x 1.2 mm ; t 0.38 mm)




Similar Part No. - TCR5BM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5RG TOSHIBA-TCR5RG Datasheet
1Mb / 22P
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
2024-03-08 Rev.7.0
TCR5RG095A TOSHIBA-TCR5RG095A Datasheet
1Mb / 22P
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
2024-03-08 Rev.7.0
TCR5RG09A TOSHIBA-TCR5RG09A Datasheet
1Mb / 22P
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
2024-03-08 Rev.7.0
TCR5RG105A TOSHIBA-TCR5RG105A Datasheet
1Mb / 22P
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
2024-03-08 Rev.7.0
TCR5RG10A TOSHIBA-TCR5RG10A Datasheet
1Mb / 22P
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
2024-03-08 Rev.7.0
More results


Similar Description - TCR5BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
500 mA Low Dropout Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
Sep-2006
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
logo
Analog Devices
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
500-mA Low Dropout Regulator
logo
ON Semiconductor
NCV8535 ONSEMI-NCV8535_17 Datasheet
314Kb / 22P
Ultra High Accuracy 500 mA Low Dropout Regulator
October, 2017 ??Rev. 5
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
500 mA Low Dropout Regulator
09/14/21
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com