Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR5RG Datasheet (PDF) - Toshiba Semiconductor

TCR5RG Datasheet PDF - Toshiba Semiconductor
Part # TCR5RG
Download  TCR5RG Download
File Size   1505.89 Kbytes
Page   22 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic

TCR5RG Datasheet (PDF)

Go To PDF Page Download Datasheet
TCR5RG Datasheet PDF - Toshiba Semiconductor

Part # TCR5RG
Download  TCR5RG Click to download

File Size   1505.89 Kbytes
Page   22 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic

TCR5RG Datasheet (HTML) - Toshiba Semiconductor


TCR5RG Product details

Features
Ultra small package WCSP4F (0.645 mm x 0.645 mm (Typ.); t 0.33 mm (max)).
High Ripple rejection ratio 100 dB (Typ.) @1 kHz (VOUT = 2.8 V)
High Ripple rejection ratio 93 dB (Typ.) @10 kHz (VOUT = 2.8 V)
High Ripple rejection ratio 67 dB (Typ.) @100 kHz (VOUT = 2.8 V)
High Ripple rejection ratio 59 dB (Typ.) @1 MHz at (VOUT = 2.8 V)
Low output noise voltage (VNO = 5 μVrms (Typ.) at 10 Hz ≤ f ≤ 100 kHz)
Low quiescent current (IB = 7 μA (Typ.) at IOUT = 0 mA)
Overcurrent protection
Thermal shutdown
Auto-discharge
Low Dropout voltage
VDO = 150 mV (Typ.), VOUT = 2.8 V, IOUT = 500 mA
Wide range output voltage line up (VOUT = 0.9 to 5.0 V)
Pull down connection between CONTROL and GND
Ceramic capacitors can be used (CIN = 1.0 μF, COUT =1.0 μF)




Similar Part No. - TCR5RG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
TCR5BM085A TOSHIBA-TCR5BM085A Datasheet
1Mb / 16P
500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
TCR5BM08A TOSHIBA-TCR5BM08A Datasheet
1Mb / 16P
500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
TCR5BM095A TOSHIBA-TCR5BM095A Datasheet
1Mb / 16P
500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
TCR5BM09A TOSHIBA-TCR5BM09A Datasheet
1Mb / 16P
500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
More results


Similar Description - TCR5RG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TC75S201L6X TOSHIBA-TC75S201L6X Datasheet
229Kb / 7P
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TCK106AF TOSHIBA-TCK106AF Datasheet
585Kb / 12P
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TC78B002FNG TOSHIBA-TC78B002FNG Datasheet
945Kb / 27P
TOSHIBA CMOS Integrated Circuit Silicon Monolithic
2013-10-17
TB9051FTG TOSHIBA-TB9051FTG Datasheet
1Mb / 49P
Toshiba Bi-CMOS Linear Integrated Circuit Silicon Monolithic
Ver.1.1 2019-03-14
TB9101FNG TOSHIBA-TB9101FNG Datasheet
612Kb / 16P
TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
TB9102FNG TOSHIBA-TB9102FNG Datasheet
1Mb / 30P
TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com