Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THM81000S Datasheet (PDF) - Toshiba Semiconductor

THM81000S Datasheet PDF - Toshiba Semiconductor
Part # THM81000S
Download  THM81000S Download
File Size   1801.11 Kbytes
Page   19 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1,048,576 WORDS X8 BIT FAST PAGE MODE DYNAMIC RAM MODULE

THM81000S Datasheet (PDF)

Go To PDF Page Download Datasheet
THM81000S Datasheet PDF - Toshiba Semiconductor

Part # THM81000S
Download  THM81000S Click to download

File Size   1801.11 Kbytes
Page   19 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1,048,576 WORDS X8 BIT FAST PAGE MODE DYNAMIC RAM MODULE

THM81000S Datasheet (HTML) - Toshiba Semiconductor


THM81000S Product details

DESCRIPTION
The THM81000S/L is a 1,048,576 words by 8 bits
dynamic RAM module which assembled 8 pcs of
TC511000J on the printed circuit board.
The THM81000S/L is optimized for application to the
systems which are required high density and large capaci
ty such as main memory of the computers and an image
memory systems, and to the others which are requested
compact size.


FEATURES
1,048,576 words by 8 bits organization
Fast access time
¹RAC
¹AA
¹CAC
¹RC
1pc
RAS Access Time
Column Address Access Time
CAS Access Time
Cycle Time
Fast Page Mode Cycle Time
THM81000S/L-10
100ns
50ns
25ns
190ns
55ns
THM81000S/L-12
120ns
60ns
30ns
220ns
70ns
Single power supply of 5V ± 10%
Low power
2,640mW MAX. Operating (THM81000S/L-10)
2,200mW MAX. Operating (THM81000S/L-12)
44mW MAX. Standby
CAS before RAS refresh, RAS only refresh, Hidden
refresh, and Fast Page Mode capability
All inputs and outputs TTL compatible
• 512 refresh cycles/8ms




Similar Part No. - THM81000S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THM84000L-10 TOSHIBA-THM84000L-10 Datasheet
444Kb / 16P
4,194,304 WORDSx8 BIT DYNAMIC RAM MODULE
THM84000L-80 TOSHIBA-THM84000L-80 Datasheet
444Kb / 16P
4,194,304 WORDSx8 BIT DYNAMIC RAM MODULE
THM84000S TOSHIBA-THM84000S Datasheet
444Kb / 16P
4,194,304 WORDSx8 BIT DYNAMIC RAM MODULE
THM84000S-10 TOSHIBA-THM84000S-10 Datasheet
444Kb / 16P
4,194,304 WORDSx8 BIT DYNAMIC RAM MODULE
THM84000S-80 TOSHIBA-THM84000S-80 Datasheet
444Kb / 16P
4,194,304 WORDSx8 BIT DYNAMIC RAM MODULE
More results


Similar Description - THM81000S

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23B136D OKI-MSC23B136D Datasheet
298Kb / 9P
1,048,576 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE
logo
Toshiba Semiconductor
THM321000S-80 TOSHIBA-THM321000S-80 Datasheet
482Kb / 17P
1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM321020S-80 TOSHIBA-THM321020S-80 Datasheet
442Kb / 17P
1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM361020S-80 TOSHIBA-THM361020S-80 Datasheet
473Kb / 17P
1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE
logo
OKI electronic componet...
MSC23132D OKI-MSC23132D Datasheet
82Kb / 9P
1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23136D OKI-MSC23136D Datasheet
83Kb / 9P
1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23137D-XXBS9 OKI-MSC23137D-XXBS9 Datasheet
84Kb / 9P
1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23140D-XXBS10 OKI-MSC23140D-XXBS10 Datasheet
84Kb / 9P
1,048,576-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B1321D OKI-MSC23B1321D Datasheet
76Kb / 9P
1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
logo
Toshiba Semiconductor
THM91000S TOSHIBA-THM91000S Datasheet
1Mb / 16P
1,048,576 WORDSX9 BIT FAST PAGE MODE DYNAMIC RAM MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com