Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THM91000S Datasheet (PDF) - Toshiba Semiconductor

THM91000S Datasheet PDF - Toshiba Semiconductor
Part # THM91000S
Download  THM91000S Download
File Size   1772.95 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1,048,576 WORDSX9 BIT FAST PAGE MODE DYNAMIC RAM MODULE

THM91000S Datasheet (PDF)

Go To PDF Page Download Datasheet
THM91000S Datasheet PDF - Toshiba Semiconductor

Part # THM91000S
Download  THM91000S Click to download

File Size   1772.95 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 1,048,576 WORDSX9 BIT FAST PAGE MODE DYNAMIC RAM MODULE

THM91000S Datasheet (HTML) - Toshiba Semiconductor


THM91000S Product details

DESCRIPTION
The THM91000S/L is a 1,048,576 words by 9 bits.
dynamic RAM module which assembled 9 pcs of
TC511000J on the printed circuit board.
The THM91000S/L is optimized for application to the
systems which are required high density and large capaci-
ty such as main memory of the computers and an image
memory systems, and to the others which are requested
compact size.

FEATURES
1,048,576 words by 9 bits organization
Fast access time
TRAC
¹AA
CAC
RC
tpc
RAS Access Time
Column Address Access Time
CAS Access Time
Cycle Time
Fast Page Mode Cycle Time
THM91000S/L-10
100ns
50ns
25ns
190ns
55ns
THM91000S/L-12
120ns
60ns
30ns
220ns
70ns
Single power supply of 5V ± 10%
Low power
2,970mW MAX. Operating (THM91000S/L-10)
2,475mW MAX. Operating
49.5mW MAX. Standby
(THM91000S/L-12)
CAS before RAS refresh, RAS only refresh, Hidden
refresh, and Fast Page Mode capability
All inputs and outputs TTL compatible
512 refresh cycles/8ms




Similar Part No. - THM91000S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THM94000L-10 TOSHIBA-THM94000L-10 Datasheet
396Kb / 16P
4,194,304 WORDS x 9 BIT DYNAMIC RAM MODULE
THM94000L-80 TOSHIBA-THM94000L-80 Datasheet
396Kb / 16P
4,194,304 WORDS x 9 BIT DYNAMIC RAM MODULE
THM94000S TOSHIBA-THM94000S Datasheet
396Kb / 16P
4,194,304 WORDS x 9 BIT DYNAMIC RAM MODULE
THM94000S-10 TOSHIBA-THM94000S-10 Datasheet
396Kb / 16P
4,194,304 WORDS x 9 BIT DYNAMIC RAM MODULE
THM94000S-80 TOSHIBA-THM94000S-80 Datasheet
396Kb / 16P
4,194,304 WORDS x 9 BIT DYNAMIC RAM MODULE
More results


Similar Description - THM91000S

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23109D OKI-MSC23109D Datasheet
312Kb / 9P
1,048,576 Word By 9 Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B136D OKI-MSC23B136D Datasheet
298Kb / 9P
1,048,576 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE
MSM514400E OKI-MSM514400E Datasheet
284Kb / 15P
1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160F OKI-MSM51V16160F Datasheet
228Kb / 16P
1,048,576-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSC23132D OKI-MSC23132D Datasheet
82Kb / 9P
1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23136D OKI-MSC23136D Datasheet
83Kb / 9P
1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23137D-XXBS9 OKI-MSC23137D-XXBS9 Datasheet
84Kb / 9P
1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23140D-XXBS10 OKI-MSC23140D-XXBS10 Datasheet
84Kb / 9P
1,048,576-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B1321D OKI-MSC23B1321D Datasheet
76Kb / 9P
1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
logo
Toshiba Semiconductor
THM81000S TOSHIBA-THM81000S Datasheet
1Mb / 19P
1,048,576 WORDS X8 BIT FAST PAGE MODE DYNAMIC RAM MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com