Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1293246 Datasheet (PDF) - PHOENIX CONTACT

1293246 Datasheet PDF - PHOENIX CONTACT
Part # 1293246
Download  1293246 Download
File Size   707.79 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E IOL DI8 DO4/4 EF M12 6M

1293246 Datasheet (PDF)

Go To PDF Page Download Datasheet
1293246 Datasheet PDF - PHOENIX CONTACT

Part # 1293246
Download  1293246 Click to download

File Size   707.79 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E IOL DI8 DO4/4 EF M12 6M

1293246 Datasheet (HTML) - PHOENIX CONTACT


1293246 Product details

Axioline E, Digital I/O device, IO-Link ports Class A: 1, connection method: M12 connector (Acoded),
connection technology: 3-conductor, Digital inputs: 8, 24 V DC, connection technology:
4-conductor, Digital outputs: 8, 24 V DC, 2 A, connection technology: 3-conductor, IO-Link, with
safe signal path, degree of protection: IP65/IP67

Product Description
You can connect this Axioline E device to an IO-Link master via an IO-Link A port. You can use this device to acquire and output digital signals via
IO-Link. Use within different networks is possible via the IO-Link master. When using a safety relay module to shut down the supply voltage for the
output groups, you can shut down the outputs in a safety-related way. The outputs are then switched to the power off state independently of the
control signal.

Your advantages
• Connection to an IO-Link master with M12 connector (A-coded, 4-pos.)
• Type A port
• IO-Link specification V1.1.3
• Connection of up to 8 inputs with M12 connectors (A-coded, 5-pos.)
• Connection up to 8 outputs with M12 connectors (A-coded, 5-pos.)
• Passive safe outputs up to SIL 3 in accordance with IEC 61508, up to Cat. 4/PL e in accordance with EN ISO 13894-1
• Connection of actuator supply UA1 and UA2 with M12 connector (L-coded, 4-pos.)
• Diagnostic and status indicators
• Single-channel diagnostics
• Short-circuit and overload protection of the sensor supply
• Device rating plate stored
• IP65/IP67 degree of protection




Similar Part No. - 1293246

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1293247 PHOENIX-1293247 Datasheet
628Kb / 10P
Temperature module - AXL E IOL RTD4 M12 3M
Dec 8, 2022
More results


Similar Description - 1293246

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8423 PHOENIX-8423 Datasheet
340Kb / 28P
AXL E EIP DI8 DO4 2A M12 6M
8433 PHOENIX-8433 Datasheet
291Kb / 18P
AXL E PB DI8 DO4 2A M12 6M
8444 PHOENIX-8444 Datasheet
302Kb / 18P
AXL E PN DI8 DO4 2A M12 6M
8538 PHOENIX-8538 Datasheet
334Kb / 25P
AXL E EC DI8 DO4 2A M12 6M
8548 PHOENIX-8548 Datasheet
321Kb / 22P
AXL E ETH DI8 DO4 2A M12 6M
8558 PHOENIX-8558 Datasheet
323Kb / 23P
AXL E S3 DI8 DO4 2A M12 6M
1300921 PHOENIX-1300921 Datasheet
740Kb / 12P
Digital module - AXL E PN DI8 DO8 EF M12 6M-L
Nov 16, 2022
2701515 PHOENIX-2701515 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO8 M12 6M
Dec 9, 2022
2702658 PHOENIX-2702658 Datasheet
351Kb / 9P
Digital module - AXL E IOL DI8 M12 6P
Dec 9, 2022
2701518 PHOENIX-2701518 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO4 2A M12 6M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com