Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1300921 Datasheet (PDF) - PHOENIX CONTACT

1300921 Datasheet PDF - PHOENIX CONTACT
Part # 1300921
Download  1300921 Download
File Size   740.64 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E PN DI8 DO8 EF M12 6M-L

1300921 Datasheet (PDF)

Go To PDF Page Download Datasheet
1300921 Datasheet PDF - PHOENIX CONTACT

Part # 1300921
Download  1300921 Click to download

File Size   740.64 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E PN DI8 DO8 EF M12 6M-L

1300921 Datasheet (HTML) - PHOENIX CONTACT


1300921 Product details

Axioline E, Digital I/O device, PROFINET, M12 connector (D-coded), Digital inputs: 8, 24 V DC,
connection technology: 4-conductor, Digital outputs: 8, 24 V DC, 2 A, connection technology: 3-
conductor, with safe signal path, degree of protection: IP65/IP67

Product Description
The Axioline E device is designed for use within a PROFINET network. It is used to acquire and output digital signals. The device is suitable for use
without a control cabinet in harsh industrial ambient conditions. When using a safety relay module to shut down the supply voltage for the output
groups, you can shut down the outputs in a safety-related way. The outputs are then switched to the power off state independently of the control signal.

Your advantages
• Connection with M12 connectors with push-pull fast connection or screw connection
• Mapping in accordance with PROFINET specification V2.4 as PROFINET device (Conformance Class C)
• PROFINET Fast Startup function supported
• PROFINET system redundancy S2 supported
• PROFINET IRT supported with min. 1 ms cycle time
• Passive safe outputs up to SIL 3 in accordance with IEC 61508, up to Cat. 4/PL e in accordance with EN ISO 13894-1
• 2 Ethernet ports (with integrated switch)
• Transmission speed of 100 Mbps
• Short-circuit and overload protection
• IP65/IP67 degree of protection




Similar Part No. - 1300921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1300923 PHOENIX-1300923 Datasheet
749Kb / 12P
Communication module - AXL E PN IOL4/0 DIO8 M12 6M-L
Nov 16, 2022
1300926 PHOENIX-1300926 Datasheet
749Kb / 12P
Communication module - AXL E PN IOL4/4 EF M12 6M-L
Nov 16, 2022
More results


Similar Description - 1300921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8420 PHOENIX-8420 Datasheet
336Kb / 28P
AXL E EIP DI8 DO8 M12 6M
8430 PHOENIX-8430 Datasheet
294Kb / 17P
AXL E PB DI8 DO8 M12 6M
8441 PHOENIX-8441 Datasheet
305Kb / 18P
AXL E PN DI8 DO8 M12 6M
8446 PHOENIX-8446 Datasheet
303Kb / 18P
AXL E PN DI8 DO8 M12 6P
8535 PHOENIX-8535 Datasheet
339Kb / 25P
AXL E EC DI8 DO8 M12 6M
8545 PHOENIX-8545 Datasheet
324Kb / 22P
AXL E ETH DI8 DO8 M12 6M
8555 PHOENIX-8555 Datasheet
325Kb / 23P
AXL E S3 DI8 DO8 M12 6M
2701509 PHOENIX-2701509 Datasheet
1Mb / 31P
Digital module - AXL E PN DI8 DO8 M12 6P
Dec 9, 2022
2701515 PHOENIX-2701515 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO8 M12 6M
Dec 9, 2022
2701518 PHOENIX-2701518 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO4 2A M12 6M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com