Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1300926 Datasheet (PDF) - PHOENIX CONTACT

1300926 Datasheet PDF - PHOENIX CONTACT
Part # 1300926
Download  1300926 Download
File Size   749.55 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Communication module - AXL E PN IOL4/4 EF M12 6M-L

1300926 Datasheet (PDF)

Go To PDF Page Download Datasheet
1300926 Datasheet PDF - PHOENIX CONTACT

Part # 1300926
Download  1300926 Click to download

File Size   749.55 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Communication module - AXL E PN IOL4/4 EF M12 6M-L

1300926 Datasheet (HTML) - PHOENIX CONTACT


1300926 Product details

Axioline E, IO-Link master, PROFINET, M12 connector (D-coded), IO-Link ports Class A: 4,
connection method: M12 connector (A-coded), connection technology: 3-conductor, IO-Link
ports Class B: 4, connection method: M12 connector (A-coded), connection technology: 5-
conductor, Digital inputs at pin 2 for class A ports: 4, 24 V DC, connection technology: 3-
conductor, Digital outputs at pin 2 for class A ports: 4, 24 V DC, 2 A, connection technology: 2-
conductor, with safe signal path, degree of protection: IP65/IP67

Product Description
The Axioline E device is designed for use within a PROFINET network. The device enables the operation of up to eight IO-Link sensors and
actuators. In addition, you can acquire and output digital signals with the device. The device is suitable for use without a control cabinet in harsh
industrial ambient conditions.

Your advantages
• Connection with M12 connectors with push-pull fast connection or screw connection
• Mapping in accordance with PROFINET specification V2.4 as PROFINET device (Conformance Class C)
• PROFINET Fast Startup function supported
• PROFINET system redundancy S2 supported
• PROFINET IRT supported with min. 1 ms cycle time
• IO-Link specification V1.1.3
•Shutdown of the additional power supply UA at the class B ports up to SIL 3 in accordance with IEC 61508, up to Cat. 4/PL e in
accordance with EN ISO 13894-1
• 2 Ethernet ports (with integrated switch)
• Transmission speed of 100 Mbps
• Short-circuit and overload protection
• IP65/IP67 degree of protection




Similar Part No. - 1300926

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1300921 PHOENIX-1300921 Datasheet
740Kb / 12P
Digital module - AXL E PN DI8 DO8 EF M12 6M-L
Nov 16, 2022
1300923 PHOENIX-1300923 Datasheet
749Kb / 12P
Communication module - AXL E PN IOL4/0 DIO8 M12 6M-L
Nov 16, 2022
More results


Similar Description - 1300926

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8442 PHOENIX-8442 Datasheet
298Kb / 17P
AXL E PN DI16 M12 6M
8443 PHOENIX-8443 Datasheet
309Kb / 19P
AXL E PN DIO16 M12 6M
1293246 PHOENIX-1293246 Datasheet
707Kb / 11P
Digital module - AXL E IOL DI8 DO4/4 EF M12 6M
Nov 16, 2022
1300834 PHOENIX-1300834 Datasheet
735Kb / 12P
Digital module - AXL E PN DI16 M12 6M-L
Nov 16, 2022
1300915 PHOENIX-1300915 Datasheet
737Kb / 12P
Digital module - AXL E PN DIO16 M12 6M-L
Nov 16, 2022
1300921 PHOENIX-1300921 Datasheet
740Kb / 12P
Digital module - AXL E PN DI8 DO8 EF M12 6M-L
Nov 16, 2022
1300923 PHOENIX-1300923 Datasheet
749Kb / 12P
Communication module - AXL E PN IOL4/0 DIO8 M12 6M-L
Nov 16, 2022
2701515 PHOENIX-2701515 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO8 M12 6M
Dec 9, 2022
2701517 PHOENIX-2701517 Datasheet
1Mb / 32P
Digital module - AXL E PN DIO16 M12 6M
Dec 30, 2022
2701516 PHOENIX-2701516 Datasheet
1Mb / 32P
Digital module - AXL E PN DI16 M12 6M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com