Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1300834 Datasheet (PDF) - PHOENIX CONTACT

1300834 Datasheet PDF - PHOENIX CONTACT
Part # 1300834
Download  1300834 Download
File Size   735.22 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E PN DI16 M12 6M-L

1300834 Datasheet (PDF)

Go To PDF Page Download Datasheet
1300834 Datasheet PDF - PHOENIX CONTACT

Part # 1300834
Download  1300834 Click to download

File Size   735.22 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E PN DI16 M12 6M-L

1300834 Datasheet (HTML) - PHOENIX CONTACT


1300834 Product details

Axioline E, Digital input device, PROFINET, M12 connector (D-coded), Digital inputs: 16, 24
V DC, connection technology: 4-conductor, degree of protection: IP65/IP67

Product Description
The Axioline E device is designed for use within a PROFINET network. It is used to acquire digital signals. The device is suitable for use without a
control cabinet in harsh industrial ambient conditions.

Your advantages
• Connection with M12 connectors with push-pull fast connection or screw connection
• Mapping in accordance with PROFINET specification V2.4 as PROFINET device (Conformance Class C)
• PROFINET Fast Startup function supported
• PROFINET system redundancy S2 supported
• PROFINET IRT supported with min. 1 ms cycle time
• 2 Ethernet ports (with integrated switch)
• Transmission speed of 100 Mbps
• Short-circuit and overload protection
• IP65/IP67 degree of protection




Similar Part No. - 1300834

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130083-0143 MOLEX11-130083-0143 Datasheet
52Kb / 2P
Woodhead POW-R-MITE Industrial Duty Cable Reel without Cable Holds up to 11.58-15.24m
130083-0222 MOLEX11-130083-0222 Datasheet
53Kb / 1P
Woodhead POW-R-MITE Industrial Duty Cable Reel, 16/6 SOW, 13.72m (45.0) Cord Length
130083-0223 MOLEX11-130083-0223 Datasheet
53Kb / 2P
Woodhead POW-R-MITE짰 Industrial Duty Cable Reel, 16/8 SOW, 11.58m
130083-0224 MOLEX11-130083-0224 Datasheet
53Kb / 2P
Woodhead POW-R-MITE Industrial Duty Cable Reel, 16/3 SOW, 9.14m
130083-0225 MOLEX11-130083-0225 Datasheet
53Kb / 2P
Woodhead POW-R-MITE Industrial Duty Cable Reel
More results


Similar Description - 1300834

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8421 PHOENIX-8421 Datasheet
331Kb / 26P
AXL E EIP DI16 M12 6M
8442 PHOENIX-8442 Datasheet
298Kb / 17P
AXL E PN DI16 M12 6M
8546 PHOENIX-8546 Datasheet
300Kb / 18P
AXL E ETH DI16 M12 6M
8556 PHOENIX-8556 Datasheet
315Kb / 22P
AXL E S3 DI16 M12 6M
1300915 PHOENIX-1300915 Datasheet
737Kb / 12P
Digital module - AXL E PN DIO16 M12 6M-L
Nov 16, 2022
1300921 PHOENIX-1300921 Datasheet
740Kb / 12P
Digital module - AXL E PN DI8 DO8 EF M12 6M-L
Nov 16, 2022
2701510 PHOENIX-2701510 Datasheet
1Mb / 31P
Digital module - AXL E PN DI16 M12 6P
Dec 9, 2022
2701515 PHOENIX-2701515 Datasheet
1Mb / 32P
Digital module - AXL E PN DI8 DO8 M12 6M
Dec 9, 2022
2701517 PHOENIX-2701517 Datasheet
1Mb / 32P
Digital module - AXL E PN DIO16 M12 6M
Dec 30, 2022
2701516 PHOENIX-2701516 Datasheet
1Mb / 32P
Digital module - AXL E PN DI16 M12 6M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com