Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1300915 Datasheet (PDF) - PHOENIX CONTACT

1300915 Datasheet PDF - PHOENIX CONTACT
Part # 1300915
Download  1300915 Download
File Size   737.51 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E PN DIO16 M12 6M-L

1300915 Datasheet (PDF)

Go To PDF Page Download Datasheet
1300915 Datasheet PDF - PHOENIX CONTACT

Part # 1300915
Download  1300915 Click to download

File Size   737.51 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Digital module - AXL E PN DIO16 M12 6M-L

1300915 Datasheet (HTML) - PHOENIX CONTACT


1300915 Product details

Axioline E, Digital I/O device, PROFINET, M12 connector (D-coded), Digital inputs: 16, 24 V DC,
connection technology: 4-conductor, Digital outputs: 16, 24 V DC, 500 mA, connection
technology: 3-conductor, degree of protection: IP65/IP67

Product Description
The Axioline E device is designed for use within a PROFINET network. It is used to acquire and output digital signals. The device is suitable for use
without a control cabinet in harsh industrial ambient conditions.

Your advantages
• Connection with M12 connectors with push-pull fast connection or screw connection
• Mapping in accordance with PROFINET specification V2.4 as PROFINET device (Conformance Class C)
• PROFINET Fast Startup function supported
• PROFINET system redundancy S2 supported
• PROFINET IRT supported with min. 1 ms cycle time
• 2 Ethernet ports (with integrated switch)
• Transmission speed of 100 Mbps
• Short-circuit and overload protection
• IP65/IP67 degree of protection




Similar Part No. - 1300915

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130091-0031 MOLEX11-130091-0031 Datasheet
49Kb / 1P
Woodhead Standard Duty Reel with Flying Leads, 16/3 SJTOW Cord, 15.24m Cord Length
130091-0055 MOLEX11-130091-0055 Datasheet
50Kb / 2P
Woodhead Standard Duty Reel, 14/3 SJTOW Cord, 13.72m
1300910013 MOLEX11-1300910013 Datasheet
36Kb / 2P
Woodhead Standard Duty Reel with Flying Leads, 16/3 SJTOW Cord, 15.24m
1300910018 MOLEX11-1300910018 Datasheet
35Kb / 2P
Woodhead Standard Cord Reel, 16/3 SJTOW Cord, 15.24m
1300910020 MOLEX11-1300910020 Datasheet
36Kb / 2P
Woodhead Standard Duty Reel, 16/3 SJTOW Cord, 15.24m
More results


Similar Description - 1300915

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8422 PHOENIX-8422 Datasheet
342Kb / 28P
AXL E EIP DIO16 M12 6M
8432 PHOENIX-8432 Datasheet
295Kb / 17P
AXL E PB DIO16 M12 6M
8443 PHOENIX-8443 Datasheet
309Kb / 19P
AXL E PN DIO16 M12 6M
8537 PHOENIX-8537 Datasheet
340Kb / 25P
AXL E EC DIO16 M12 6M
8557 PHOENIX-8557 Datasheet
325Kb / 23P
AXL E S3 DIO16 M12 6M
1300834 PHOENIX-1300834 Datasheet
735Kb / 12P
Digital module - AXL E PN DI16 M12 6M-L
Nov 16, 2022
1300921 PHOENIX-1300921 Datasheet
740Kb / 12P
Digital module - AXL E PN DI8 DO8 EF M12 6M-L
Nov 16, 2022
2701511 PHOENIX-2701511 Datasheet
1Mb / 31P
Digital module - AXL E PN DIO16 M12 6P
Dec 9, 2022
2701517 PHOENIX-2701517 Datasheet
1Mb / 32P
Digital module - AXL E PN DIO16 M12 6M
Dec 30, 2022
2701516 PHOENIX-2701516 Datasheet
1Mb / 32P
Digital module - AXL E PN DI16 M12 6M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com