Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7720BTR Datasheet (PDF) - STMicroelectronics

TDA7720BTR Datasheet PDF - STMicroelectronics
Part # TDA7720BTR
Download  TDA7720BTR Download
File Size   1363.71 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 band car audio processor

TDA7720BTR Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7720BTR Datasheet PDF - STMicroelectronics

Part # TDA7720BTR
Download  TDA7720BTR Click to download

File Size   1363.71 Kbytes
Page   42 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 band car audio processor

TDA7720BTR Datasheet (HTML) - STMicroelectronics


TDA7720BTR Product details

Features
 Input multiplexer
– QD1: quasi-differential stereo input
– QD2: quasi-differential stereo input
– SE1: stereo single-ended input
– SE2: stereo single-ended input
– SE3: stereo single-ended input
 Loudness
– 2nd order frequency response
– Programmable center frequency
(400 Hz / 800 Hz / 2400 Hz)
– 15 dB with 1 dB steps
– Selectable high frequency boost
– Selectable flat-mode (constant attenuation)
 Volume
– +23 dB to -63 dB with 1 dB step resolution
– Soft-step control with programmable blend
times
 Bass
– 2nd order frequency response
– Center frequency programmable in 4 steps
(60 Hz / 80 Hz / 100 Hz / 200 Hz)
– Q programmable 1.0/1.25/1.5/2.0
– DC gain programmable
– -15 to 15 dB range with 1 dB resolution
 Middle
– 2nd order frequency response
– Center frequency programmable in 4 steps
(500 Hz / 1 kHz / 1.5 kHz / 2.5 kHz)
– Q programmable 0.75/1.0/1.25
– -15 to 15 dB range with 1 dB resolution
 Treble
– 2nd order frequency response
– Center frequency programmable in 4 steps
(10 kHz / 12.5 kHz / 15 kHz / 17.5 kHz)
– -15 to 15 dB range with 1 dB resolution
 High-pass
– 2nd order frequency response
– Center frequency programmable in 3 steps
(100 Hz / 120 Hz / 150 Hz)
 Subwoofer
– 2nd order low pass filter
– Programmable cut off frequency
– (55 Hz / 85 Hz / 120 Hz / 160 Hz)
– 2 independent soft-step level control,
+15 dB to -79 dB with 1 dB steps
 Speaker
– 6 independent soft-step speaker controls
– +15 dB to -79 dB with 1 dB steps
– Two selectable output DC level
– Direct mute
 Mute functions
– Direct mute
– Digitally controlled soft-mute with 4
programmable mute-times
– (0.48 ms / 0.96 ms / 8 ms / 16 ms)
 Offset detection
– Offset voltage detection circuit for on-board
power amplifier failure diagnosis

Description
The TDA7720B is a high performance signal
processor specifically designed for car radio
applications. The device includes a high
performance audio processor with fully integrated
audio filters and new soft-step architecture. The
digital control allows programming in a wide range
of filter characteristics.




Similar Part No. - TDA7720BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7701 STMICROELECTRONICS-TDA7701 Datasheet
51Kb / 4P
BATTERY OPERATED FULLY INTEGRATED FM TUNER
February 2005 Rev. 1
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
TDA7703RTR STMICROELECTRONICS-TDA7703RTR Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
TDA7703TR STMICROELECTRONICS-TDA7703TR Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
More results


Similar Description - TDA7720BTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
26-Jun-2007
logo
Micronas
CAP3001A MICRONAS-CAP3001A Datasheet
463Kb / 37P
Car Audio Processor Hardware
logo
STMicroelectronics
TDA7719 STMICROELECTRONICS-TDA7719 Datasheet
544Kb / 45P
3 band car audio processor
16-Jul-2007
TDA7418 STMICROELECTRONICS-TDA7418 Datasheet
383Kb / 29P
3 Band car audio procesor
15-Feb-2007
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419_09 Datasheet
696Kb / 40P
3 band car audio processor
13-Feb-2009
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
21-Oct-2009
TDA7718B STMICROELECTRONICS-TDA7718B Datasheet
1Mb / 40P
3 band car audio processor
24-Sep-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com