Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7720BTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7720BTR
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720BTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7720BTR Datasheet HTML 5Page - STMicroelectronics TDA7720BTR Datasheet HTML 6Page - STMicroelectronics TDA7720BTR Datasheet HTML 7Page - STMicroelectronics TDA7720BTR Datasheet HTML 8Page - STMicroelectronics TDA7720BTR Datasheet HTML 9Page - STMicroelectronics TDA7720BTR Datasheet HTML 10Page - STMicroelectronics TDA7720BTR Datasheet HTML 11Page - STMicroelectronics TDA7720BTR Datasheet HTML 12Page - STMicroelectronics TDA7720BTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
DocID024331 Rev 2
9/42
TDA7720B
Electrical specifications
3
Electrical specifications
3.1
Thermal data
3.1.1
Absolute maximum ratings
3.2
Electrical characteristics
Vs =11.5 V; Tamb = 25C; RL = 10 k; all gains = 0 dB; f = 1 kHz; Output gain = 5 dB;
Input = SE1; unless otherwise specified
Table 3. Thermal data
Symbol
Description
Value
Unit
Rth-jamb
Thermal resistance junction-to-ambient
114
C/W
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Operating supply voltage
13
V
Vin_max
Maximum voltage for signal input pins
7
V
Tamb
Operating ambient temperature
-40 to 85
C
Tstg
Storage temperature range
-55 to 150
C
VESD
ESD withstand voltage:
Human body model
Charged device model
 ±2000
 ±250
V
V
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply
Vs
Supply voltage
-
7.5
11.5
12.5
V
Is
Supply current
-
30
35
39
mA
Input selector
Rin
Input resistance
All single ended inputs
70
100
130
k
VCL
Clipping level
Input gain = 0 dB, THD = 1 %
2
-
-
VRMS
SIN
Input separation
-
80
100
-
dB
Differential stereo inputs
Rin
Input resistance
Differential
70
100
130
k
CMRR
Common mode rejection
Ratio for main source
VCM=1 VRMS @ 1 kHz
46
60
-
dB
VCM=1 VRMS @ 10 kHz
(1)
46
60
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com