Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7720BTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7720BTR
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720BTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7720BTR Datasheet HTML 19Page - STMicroelectronics TDA7720BTR Datasheet HTML 20Page - STMicroelectronics TDA7720BTR Datasheet HTML 21Page - STMicroelectronics TDA7720BTR Datasheet HTML 22Page - STMicroelectronics TDA7720BTR Datasheet HTML 23Page - STMicroelectronics TDA7720BTR Datasheet HTML 24Page - STMicroelectronics TDA7720BTR Datasheet HTML 25Page - STMicroelectronics TDA7720BTR Datasheet HTML 26Page - STMicroelectronics TDA7720BTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
DocID024331 Rev 2
23/42
TDA7720B
Description of audioprocessor
4.11
Soft-step control
In this device, the soft-step function is available for volume, speaker, loudness, treble,
middle and bass block. With soft-step function, the audible noise of DC offset or the sudden
change of signal can be avoided when adjusting gain setting of the block.
For each block, the soft-step function is controlled by soft-step on/off control bit in the control
table. The soft-step transient time selection (5 ms or 10 ms) is common for all blocks and it
is controlled by soft-step time control bit. The soft-step operation of all blocks has a common
centralized control. In this case, a new soft-step operation will not be started before the
completion of previous soft-step.
There are two different modes to activate the soft-step operation. The soft-step operation
can be started right after I2C data sending, or the soft-step can be activated in parallel after
data sending of several different blocks. The two modes are controlled by the ‘act bit’ (it is
normally bit7 of the byte.) of each byte. When act bit is ‘0’, which means action, the soft-step
is activated right after the date byte is sent. When the act bit is ‘1’, which means wait, the
block goes to wait for soft-step status. In this case, the block will wait for some other block to
activate the operation. The soft-step operation of all blocks in wait status will be done
together with the block which activate the soft-step. With this mode, all specific blocks can
do the soft-step in parallel. This avoids waiting when the soft-step is operated one by one.
Be noticed that if a block is set to ‘gain1’ with act bit =1, later this block is set to ‘gain2’ with
act bit=0, in this case the block will do a soft-step from present gain to ‘gain2’ but not from
present gain to ‘gain1’ then to ‘gain2’.
|
 Soft-step start here
|
 Soft-step
start here for all
4.12
DC offset detector
Using the DC offset detection circuit (Figure 18) an offset voltage difference between the
audio power amplifier and the APR's Front and Rear outputs can be detected, preventing
serious damage to the loudspeakers. The circuit compares whether the signal crosses the
zero level inside the audio power at the same time as in the speaker cell. The output of the
zero-window-comparator of the power amplifier must be connected with the WinIn-input of
the APR. The WinIn-input has an 50 k
 internal pull-up resistor connected to 3.3 V. It is
recommended to drive this pin with open-collector outputs only.
To compensate for errors at low frequencies the WinTC-pin are implemented, with external
capacitors introducing the same delay
 = 22.5 k * C
ext as the AC-coupling between the
APR and the power amplifier introduces. For the zero window comparators, the time
constant for spike rejection as well as the threshold are programmable.
See Electrical characteristics on page 9.
Chip Addr
Sub Addr
0xxxxxxx
Chip Addr
Sub Addr
1xxxxxxx
1xxxxxxx
......
0xxxxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com