Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7720BTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7720BTR
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720BTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7720BTR Datasheet HTML 8Page - STMicroelectronics TDA7720BTR Datasheet HTML 9Page - STMicroelectronics TDA7720BTR Datasheet HTML 10Page - STMicroelectronics TDA7720BTR Datasheet HTML 11Page - STMicroelectronics TDA7720BTR Datasheet HTML 12Page - STMicroelectronics TDA7720BTR Datasheet HTML 13Page - STMicroelectronics TDA7720BTR Datasheet HTML 14Page - STMicroelectronics TDA7720BTR Datasheet HTML 15Page - STMicroelectronics TDA7720BTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Electrical specifications
TDA7720B
12/42
DocID024331 Rev 2
HPF
FHP
High-pass corner frequency
(3)
fHP1
-100
-
Hz
fHP2
-120
-
Hz
fHP3
-150
-
Hz
Audio outputs
VCL
Clipping level
PRE
THD = 0.5%
VCC = 8.5V output
level/gain = 4V/5 dB
2.5
-
-
VRMS
FRONT REAR
THD = 0.3%
VCC = 8.5V output
level/gain = 4V/5dB
PRE
THD = 0.5%
VCC = 11.5V output
level/gain = 5.75V/5dB
3.55
-
-
VRMS
FRONT REAR
THD = 0.3%
VCC = 11.5V output
level/gain = 5.75V/5dB
ROUT
Output impedance
-
-
30
50
RL
Output load resistance
-
2
-
-
k
CL
Output load capacitor
-
-
-
10
nF
VDC
Output DC level
Output level/gain = 4 V / 5 dB
3.8
4.0
4.2
V
Output level/gain = 5.75 V / 8 dB
5.5
5.75
6
V
GOUT
Output gain
Output level/gain = 4 V /5 dB
4
5
6
dB
Output level/gain = 5.75 V / 8 dB
7
8
9
dB
Subwoofer low-pass
fLP
Low-pass corner frequency
(3)
fLP1
-55-Hz
fLP2
-85-Hz
fLP3
-120
-
Hz
fLP4
-160
-
Hz
DC offset detection circuit
Vth
Zero comp. window size
V1
±20
±30
±40
mV
V2
±30
±45
±55
mV
V3
±40
±60
±70
mV
V4
±70
±90
±100
mV
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com