Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7720BTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7720BTR
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720BTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7720BTR Datasheet HTML 9Page - STMicroelectronics TDA7720BTR Datasheet HTML 10Page - STMicroelectronics TDA7720BTR Datasheet HTML 11Page - STMicroelectronics TDA7720BTR Datasheet HTML 12Page - STMicroelectronics TDA7720BTR Datasheet HTML 13Page - STMicroelectronics TDA7720BTR Datasheet HTML 14Page - STMicroelectronics TDA7720BTR Datasheet HTML 15Page - STMicroelectronics TDA7720BTR Datasheet HTML 16Page - STMicroelectronics TDA7720BTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DocID024331 Rev 2
13/42
TDA7720B
Electrical specifications
τ
sp
Max. rejected spike length
T1
711
25
µs
T2
14
22
45
µs
T3
22
33
65
µs
T4
28
44
80
µs
ICHDCErr DCErr charge current
-
3.5
5
6.5
µA
IDISDCErr DCErr discharge current
-
3.5
5
8
mA
VOutH
DCErr high voltage
-
3.1
3.3
3.6
V
VOutH
DCErr low voltage
-
0
100
300
mV
VTH_Low Low Threshold for WinIn pin
(4)
-
-
0.75
V
VTH_High High Threshold for WinIn pin
(4)
2.8
-
-
V
RPU
Internal pull-up resistor for
WinIn pin
-
355070
k
VPU
Internal pull-up voltage for
WinIn pin
-
3.1
3.3
3.5
V
General
eNO
Output noise
BW = 20 Hz to
20 kHz
A-Weighted,
all gain = 0dB,
HPF=OFF,
Input=SE/QD
Output
level / gain = 4V / 5dB
-15
30
µV
Output
level/gain=5.75V/8dB
-21
35
µV
BW = 20 Hz to
20 kHz
A-Weighted,
Output muted
Output
level/gain=4V/5dB
-9
21
µV
Output
level/gain=5.75V/8dB
-12.5
21
µV
S/N
Signal to noise ratio
all gain = 0 dB, A-weighted;
Output level/gain = 4 V / 5 dB;
Vo = 2.5 VRMS
98
104
-
dB
all gain = 0dB, A-weighted;
Output level/gain = 5.75 V / 8 dB;
Vo = 3.55 VRMS
98
104
-
dB
D
Distortion
VIN=1VRMS;
all gain = 0dB,
HPF=OFF
Output
level/gain = 4 V / 5 dB
-0.01
0.05
%
Output
level/gain=5.75V/8dB
-0.01
0.05
%
SC
Channel separation left/right -
75
90
-
dB
1.
Guaranteed by design.
2.
Measure performed in DC.
3.
Value guaranteed by measuring correlated parameter.
4.
Verified only in characterization.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com