Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAM-4015 Datasheet (PDF) - Advantech Co., Ltd.

ADAM-4015 Datasheet PDF - Advantech Co., Ltd.
Part # ADAM-4015
Download  ADAM-4015 Download
File Size   594.53 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Robust 6-Ch RTD Input Module

ADAM-4015 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAM-4015 Datasheet PDF - Advantech Co., Ltd.

Part # ADAM-4015
Download  ADAM-4015 Click to download

File Size   594.53 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Robust 6-Ch RTD Input Module

ADAM-4015 Datasheet (HTML) - Advantech Co., Ltd.


ADAM-4015 Product details

General
ƒƒ Power Input Unregulated 10 ~ 30 VDC
ADAM-4115: 10 ~ 48 VDC
Environment
ƒƒ Operating Humidity 5 ~ 95% RH
ƒƒ Operating -10 ~ 70°C (14 ~ 185°F)
Temperature ADAM-4115: -40 ~ 85°C
(-40 ~ 185°F)
ƒƒ Storage Temperature - 25 ~ 85°C (-13 ~ 185°F)
ADAM-4115: -40 ~ 85°C
(-40 ~ 185°F)




Similar Part No. - ADAM-4015

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4015 ADVANTECH-ADAM-4015 Datasheet
708Kb / 1P
6-ch RTD Module with Modbus
ADAM-4015 ADVANTECH-ADAM-4015 Datasheet
243Kb / 1P
6-ch RTD Module with Modbus
ADAM-4015 ADVANTECH-ADAM-4015 Datasheet
295Kb / 1P
1-ch Analog Output Module
27-Jun-2018
ADAM-4015T ADVANTECH-ADAM-4015T Datasheet
708Kb / 1P
6-ch RTD Module with Modbus
ADAM-4015T ADVANTECH-ADAM-4015T Datasheet
243Kb / 1P
6-ch RTD Module with Modbus
More results


Similar Description - ADAM-4015

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4015 ADVANTECH-ADAM-4015 Datasheet
708Kb / 1P
6-ch RTD Module with Modbus
ADAM-5013 ADVANTECH-ADAM-5013 Datasheet
634Kb / 1P
3-ch RTD Input Module
ADAM-6015 ADVANTECH-ADAM-6015 Datasheet
705Kb / 1P
7-ch Isolated RTD Input Module
APAX-5013 ADVANTECH-APAX-5013 Datasheet
338Kb / 1P
8-ch RTD Module
ADAM-5013 ADVANTECH-ADAM-5013_14 Datasheet
258Kb / 1P
3-ch RTD Input Module
ADAM-4015 ADVANTECH-ADAM-4015_15 Datasheet
243Kb / 1P
6-ch RTD Module with Modbus
ADAM-6015 ADVANTECH-ADAM-6015_14 Datasheet
350Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
ADAM-3613-AE ADVANTECH-ADAM-3613-AE Datasheet
277Kb / 1P
4-ch RTD Input Module
AMAX-5015 ADVANTECH-AMAX-5015 Datasheet
483Kb / 1P
4-ch RTD Input Module
3-Dec-2020
IDAQ-815 ADVANTECH-IDAQ-815 Datasheet
320Kb / 1P
8-ch RTD Input iDAQ Module
6-Sep-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com