Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMAX-5015 Datasheet (PDF) - Advantech Co., Ltd.

AMAX-5015 Datasheet PDF - Advantech Co., Ltd.
Part # AMAX-5015
Download  AMAX-5015 Download
File Size   483.86 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 4-ch RTD Input Module

AMAX-5015 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMAX-5015 Datasheet PDF - Advantech Co., Ltd.

Part # AMAX-5015
Download  AMAX-5015 Click to download

File Size   483.86 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 4-ch RTD Input Module

AMAX-5015 Datasheet (HTML) - Advantech Co., Ltd.


AMAX-5015 Product details

General
ƒ Certification CE, FCC class A
ƒ Connector Pluggable 4P+8P
push-in terminal
(#24~16 AWG)
ƒ Enclosure PC
ƒ Power Consumption 2W@24VDC
ƒ Protocol EtherCAT
ƒ Transmission Rate 100Mbps
ƒ LED Indicator PWR, RUN




Similar Part No. - AMAX-5015

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMAX-5015 ADVANTECH-AMAX-5015 Datasheet
2Mb / 2P
Intel® Core™ i7/i5/Celeron® Control IPC With EtherCAT Slice IO Expansion
19-Oct-2020
AMAX-5015 ADVANTECH-AMAX-5015 Datasheet
767Kb / 2P
Integrated PC-Based SoftPLC & SoftMotion CODESYS-Ready Edge Controller
23-Dec-2021
More results


Similar Description - AMAX-5015

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-5013 ADVANTECH-ADAM-5013 Datasheet
634Kb / 1P
3-ch RTD Input Module
ADAM-6015 ADVANTECH-ADAM-6015 Datasheet
705Kb / 1P
7-ch Isolated RTD Input Module
APAX-5013 ADVANTECH-APAX-5013 Datasheet
338Kb / 1P
8-ch RTD Module
ADAM-5013 ADVANTECH-ADAM-5013_14 Datasheet
258Kb / 1P
3-ch RTD Input Module
ADAM-6015 ADVANTECH-ADAM-6015_14 Datasheet
350Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
DMU-5010 ADVANTECH-DMU-5010_14 Datasheet
212Kb / 1P
12-ch DI/O, 4-ch AI, 4-ch RTD Modbus TCP Module
ADAM-3613-AE ADVANTECH-ADAM-3613-AE Datasheet
277Kb / 1P
4-ch RTD Input Module
ADAM-4115 ADVANTECH-ADAM-4115 Datasheet
594Kb / 1P
Robust 6-Ch RTD Input Module
27-Feb-2020
ADAM-6018+ ADVANTECH-ADAM-6018+ Datasheet
566Kb / 1P
7-ch Isolated RTD Input Modbus TCP Module
5-May-2022
IDAQ-815 ADVANTECH-IDAQ-815 Datasheet
320Kb / 1P
8-ch RTD Input iDAQ Module
6-Sep-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com