Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF900R12IP4V Datasheet (PDF) - Infineon Technologies AG

FF900R12IP4V Datasheet PDF - Infineon Technologies AG
Part # FF900R12IP4V
Download  FF900R12IP4V Download
File Size   1719.23 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PrimePACK™2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC

FF900R12IP4V Datasheet (PDF)

Go To PDF Page Download Datasheet
FF900R12IP4V Datasheet PDF - Infineon Technologies AG

Part # FF900R12IP4V
Download  FF900R12IP4V Click to download

File Size   1719.23 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PrimePACK™2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC

FF900R12IP4V Datasheet (HTML) - Infineon Technologies AG


FF900R12IP4V Product details

Electrical Features
• Extended Operation Temperature Tvj op
• High DC Stability
•High Short Circuit Capability, Self Limiting Short
Circuit Current
• Low VCEsat
• Unbeatable Robustness
• VCEsat with positive Temperature Coefficient

Mechanical Features
• 4 kV AC 1min Insulation
• Package with CTI > 400
• High Creepage and Clearance Distances
• High Power and Thermal Cycling Capability
• High Power Density
• Substrate for Low Thermal Resistance




Similar Part No. - FF900R12IP4V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF900R12IP4 INFINEON-FF900R12IP4 Datasheet
1Mb / 9P
PrimePACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-13 revision:2.4
FF900R12IP4 INFINEON-FF900R12IP4 Datasheet
1Mb / 9P
PrimePACK2 Modul mit Trench
2013-11-05 revision:2.4
FF900R12IP4 INFINEON-FF900R12IP4 Datasheet
1Mb / 30P
E v a l u a t i o n D r i v e r B o a r d f o r 1 2 0 0 V PrimePACK™
2008-05 V1.0
FF900R12IP4D INFINEON-FF900R12IP4D Datasheet
1Mb / 9P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode und NTC
2009-08-24 revision:2.4
FF900R12IP4D INFINEON-FF900R12IP4D Datasheet
1Mb / 30P
E v a l u a t i o n D r i v e r B o a r d f o r 1 2 0 0 V PrimePACK™
2008-05 V1.0
More results


Similar Description - FF900R12IP4V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP10R12W1T4_B3 INFINEON-FP10R12W1T4_B3 Datasheet
571Kb / 10P
EasyPIM module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-12-08 revision:2.4
FS50R12W2T4 INFINEON-FS50R12W2T4 Datasheet
494Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 rev 2.4
FF900R12IE4 INFINEON-FF900R12IE4 Datasheet
1Mb / 9P
PrimePACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-14 revision:2.4
FS75R07N2E4 INFINEON-FS75R07N2E4 Datasheet
536Kb / 9P
EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS100R07N2E4 INFINEON-FS100R07N2E4 Datasheet
536Kb / 9P
EconoPACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-14 revision:2.0
FS150R07N3E4 INFINEON-FS150R07N3E4 Datasheet
533Kb / 9P
EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2011-04-05 revision:2.0
DDB6U180N16RR_B37 INFINEON-DDB6U180N16RR_B37 Datasheet
627Kb / 11P
EconoPACK™2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
V 3.0 2017-07-25
DF200R12PT4_B6 INFINEON-DF200R12PT4_B6 Datasheet
837Kb / 10P
EconoPACK™4 module with trench/fieldstop IGBT4 and Emitter Controlled Diode and NTC
revision: 3.0 2013-11-11
FF600R12IP4V INFINEON-FF600R12IP4V Datasheet
1Mb / 9P
PrimePACK™2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
revision: 2.0 2013-11-26
FF900R12IP4DV INFINEON-FF900R12IP4DV Datasheet
1Mb / 9P
PrimePACK™2 module with Trench/Fieldstop IGBT4, enlarged Emitter Controlled 4 diode and NTC
revision: 2.0 2013-11-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com