Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP35R12KT4P Datasheet (PDF) - Infineon Technologies AG

FP35R12KT4P Datasheet PDF - Infineon Technologies AG
Part # FP35R12KT4P
Download  FP35R12KT4P Download
File Size   714.09 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EconoPIM™2 module with Trench/Fieldstop IGBT4 and Emitter Controlled diode and pre-applied Thermal Interface Material

FP35R12KT4P Datasheet (PDF)

Go To PDF Page Download Datasheet
FP35R12KT4P Datasheet PDF - Infineon Technologies AG

Part # FP35R12KT4P
Download  FP35R12KT4P Click to download

File Size   714.09 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EconoPIM™2 module with Trench/Fieldstop IGBT4 and Emitter Controlled diode and pre-applied Thermal Interface Material

FP35R12KT4P Datasheet (HTML) - Infineon Technologies AG


FP35R12KT4P Product details

Electrical Features
• Extended operating temperature Tvj op
• Low VCEsat
• Trench IGBT 4
• VCEsat with positive temperature coefficient

Mechanical Features
• Integrated NTC temperature sensor
• Isolated base plate
• Solder contact technology
• Standard housing
•Pre-applied Thermal Interface Material




Similar Part No. - FP35R12KT4P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP35R12KT4 INFINEON-FP35R12KT4 Datasheet
442Kb / 11P
EconoPIM2 module with Trench/Fieldstop IGBT4 and EmCon4 diode
2007-12-21 revision:2.0
FP35R12KT4 INFINEON-FP35R12KT4 Datasheet
652Kb / 11P
EconoPIM2 Modul mit Trench
2013-11-04 revision:2.0
FP35R12KT4 INFINEON-FP35R12KT4_13 Datasheet
652Kb / 11P
EconoPIM2 Modul mit Trench
2013-11-04 revision:2.0
FP35R12KT4_B11 INFINEON-FP35R12KT4_B11 Datasheet
591Kb / 12P
EconoPIM2 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2010-04-29 revision:3.0
FP35R12KT4_B15 INFINEON-FP35R12KT4_B15 Datasheet
575Kb / 12P
EconoPIM?? module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode
2009-09-02-rev 2.0
More results


Similar Description - FP35R12KT4P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP25R12KT4 INFINEON-FP25R12KT4 Datasheet
380Kb / 11P
EconoPIM?? module with trench/feldstopp IGBT4 and emitter controlled 4 diode
2009-02-05 revision:2.0
FP35R12KT4_B15 INFINEON-FP35R12KT4_B15 Datasheet
575Kb / 12P
EconoPIM?? module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode
2009-09-02-rev 2.0
FP75R12KT4_B15 INFINEON-FP75R12KT4_B15 Datasheet
381Kb / 11P
EconoPIM?? module with trench/fieldstop IGBT4 and Emitter Controlled 4 diode
2008-12-02 rev 2.0
DDB6U180N16RR_B11 INFINEON-DDB6U180N16RR_B11 Datasheet
629Kb / 10P
EconoPACK™2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT
revision: 3.0 2014-06-10
FF400R12KT4P INFINEON-FF400R12KT4P Datasheet
599Kb / 9P
62mm C-Series module with fast Trench/Fieldstop IGBT4 and Emitter Controlled HE diode and pre-applied Thermal Interface Material
V 3.0 2017-06-20
FF600R12IP4V INFINEON-FF600R12IP4V Datasheet
1Mb / 9P
PrimePACK™2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
revision: 2.0 2013-11-26
FF900R12IP4V INFINEON-FF900R12IP4V Datasheet
1Mb / 9P
PrimePACK™2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
revision: 2.0 2014-04-29
FP35R12W2T4P INFINEON-FP35R12W2T4P Datasheet
799Kb / 12P
EasyPIM™ module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC / pre-applied Thermal Interface Material
V 3.0 2017-05-03
FP50R12KT4P INFINEON-FP50R12KT4P Datasheet
714Kb / 12P
EconoPIM™2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC / pre-applied Thermal Interface Material
V 3.0 2017-03-17
FP50R12N2T7P INFINEON-FP50R12N2T7P Datasheet
606Kb / 20P
EconoPIM™2 module with TRENCHSTOP™IGBT7 and emitter controlled 7 diode and NTC / pre-applied thermal interface material
Revision 1.00 2022-02-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com