Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS660R08A6P2FB Datasheet (PDF) - Infineon Technologies AG

FS660R08A6P2FB Datasheet PDF - Infineon Technologies AG
Part # FS660R08A6P2FB
Download  FS660R08A6P2FB Download
File Size   6168.08 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HybridPACK™ Drive Module

FS660R08A6P2FB Datasheet (PDF)

Go To PDF Page Download Datasheet
FS660R08A6P2FB Datasheet PDF - Infineon Technologies AG

Part # FS660R08A6P2FB
Download  FS660R08A6P2FB Click to download

File Size   6168.08 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HybridPACK™ Drive Module

FS660R08A6P2FB Datasheet (HTML) - Infineon Technologies AG


FS660R08A6P2FB Product details

Electrical Features
•Blocking voltage 750V
•Low VCEsat
•Low Switching Losses
•Low Qg and Crss
•Low Inductive Design
•Tvj op = 150°C
•Short-time extended Operation Temperature
Tvj op = 175°C

Mechanical Features
•4.2kV DC 1sec Insulation
•High Creepage and Clearance Distances
•Compact design
•High Power Density
•Copper Base Plate
•Guiding elements for PCB and cooler assembly
•Integrated NTC temperature sensor
•PressFIT Contact Technology
•RoHS compliant
•UL 94 V0 module frame




Similar Part No. - FS660R08A6P2FB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS660R08A6P2FLB INFINEON-FS660R08A6P2FLB Datasheet
6Mb / 15P
HybridPACK™ Drive Module
V3.0, 2019-05-20
More results


Similar Description - FS660R08A6P2FB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS820R08A6P2B INFINEON-FS820R08A6P2B Datasheet
1Mb / 16P
HybridPACK™ Drive Module
V3.1, 2019-10-10
FS380R12A6T4B INFINEON-FS380R12A6T4B Datasheet
1Mb / 15P
HybridPACK™ Drive Module
V3.1, 2019-09-10
FS380R12A6T4LB INFINEON-FS380R12A6T4LB Datasheet
2Mb / 15P
HybridPACK™ Drive Module
V3.0, 2020-03-23
FS660R08A6P2FLB INFINEON-FS660R08A6P2FLB Datasheet
6Mb / 15P
HybridPACK™ Drive Module
V3.0, 2019-05-20
FS770R08A6P2B INFINEON-FS770R08A6P2B Datasheet
1Mb / 16P
HybridPACK™ Drive Module
V3.0, 2019-05-28
FS770R08A6P2LB INFINEON-FS770R08A6P2LB Datasheet
1,002Kb / 16P
HybridPACK™ Drive Module
V3.0, 2019-05-28
FS820R08A6P2 INFINEON-FS820R08A6P2 Datasheet
2Mb / 16P
HybridPACK™ Drive Module
V3.3, 2019-10-09
FS820R08A6P2LB INFINEON-FS820R08A6P2LB Datasheet
7Mb / 16P
HybridPACK™ Drive Module
V3.4, 2019-10-09
FS950R08A6P2B INFINEON-FS950R08A6P2B Datasheet
1Mb / 16P
HybridPACK™ Drive Module
V3.0, 2019-09-10
FS950R08A6P2LB INFINEON-FS950R08A6P2LB Datasheet
2Mb / 16P
HybridPACK™ Drive Module
V3.0, 2020-03-23
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com