Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS950R08A6P2B Datasheet (PDF) - Infineon Technologies AG

FS950R08A6P2B Datasheet PDF - Infineon Technologies AG
Part # FS950R08A6P2B
Download  FS950R08A6P2B Download
File Size   2020.32 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HybridPACK™ Drive Module

FS950R08A6P2B Datasheet (PDF)

Go To PDF Page Download Datasheet
FS950R08A6P2B Datasheet PDF - Infineon Technologies AG

Part # FS950R08A6P2B
Download  FS950R08A6P2B Click to download

File Size   2020.32 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HybridPACK™ Drive Module

FS950R08A6P2B Datasheet (HTML) - Infineon Technologies AG


FS950R08A6P2B Product details

Electrical Features
•Blocking voltage 750V
•Low VCEsat
•Low Switching Losses
•Low Qg and Crss
•Low Inductive Design
•Tvj op = 150°C
•Short-time extended Operation Temperature
Tvj op = 175°C

Mechanical Features
•4.2kV DC 1sec Insulation
•High Creepage and Clearance Distances
•Compact design
•High Power Density
•Direct Cooled PinFin Base Plate
•Guiding elements for PCB and cooler assembly
•Integrated NTC temperature sensor
•PressFIT Contact Technology
•RoHS compliant
•UL 94 V0 module frame

Description
The HybridPACKTM Drive is a very compact
six-pack module (750V/950A) optimized for hybrid
and electric vehicles. The power module
implements the new EDT2 IGBT generation, which
is an automotive Micro-Pattern Trench-Field-Stop
cell design optimized for electric drive train
applications. The chipset has benchmark current
density combined with short circuit ruggedness and
increased blocking voltage for reliable inverter
operation under harsh environmental conditions.
The EDT2 IGBTs also show excellent light load
power losses, which helps to improve system
efficiency over a real driving cycle. The EDT2 IGBT
was optimized for applications with switching
frequencies in the range of 10 kHz.
The new HybridPACKTM Drive power module family
comes with mechanical guiding elements
supporting easy assembly processes for customers.
Furthermore, the press-fit pins for the signal
terminals avoid additional time consuming selective
solder processes, which provides cost savings on
system level and increases system reliability. The
direct cooled baseplate with PinFin structure and
optimized ceramic material in the
FS950R08A6P2B product best utilizes the
implemented chipset and shows superior thermal
characteristics. Due to the high clearance &
creepage distances, the module family is also well
suited for increased system working voltages and
supports modular inverter approaches.




Similar Part No. - FS950R08A6P2B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS950R08A6P2LB INFINEON-FS950R08A6P2LB Datasheet
2Mb / 16P
HybridPACK™ Drive Module
V3.0, 2020-03-23
More results


Similar Description - FS950R08A6P2B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS660R08A6P2FB INFINEON-FS660R08A6P2FB Datasheet
6Mb / 15P
HybridPACK™ Drive Module
V3.0, 2019-05-20
FS820R08A6P2B INFINEON-FS820R08A6P2B Datasheet
1Mb / 16P
HybridPACK™ Drive Module
V3.1, 2019-10-10
FS380R12A6T4B INFINEON-FS380R12A6T4B Datasheet
1Mb / 15P
HybridPACK™ Drive Module
V3.1, 2019-09-10
FS380R12A6T4LB INFINEON-FS380R12A6T4LB Datasheet
2Mb / 15P
HybridPACK™ Drive Module
V3.0, 2020-03-23
FS660R08A6P2FLB INFINEON-FS660R08A6P2FLB Datasheet
6Mb / 15P
HybridPACK™ Drive Module
V3.0, 2019-05-20
FS770R08A6P2B INFINEON-FS770R08A6P2B Datasheet
1Mb / 16P
HybridPACK™ Drive Module
V3.0, 2019-05-28
FS770R08A6P2LB INFINEON-FS770R08A6P2LB Datasheet
1,002Kb / 16P
HybridPACK™ Drive Module
V3.0, 2019-05-28
FS820R08A6P2 INFINEON-FS820R08A6P2 Datasheet
2Mb / 16P
HybridPACK™ Drive Module
V3.3, 2019-10-09
FS820R08A6P2LB INFINEON-FS820R08A6P2LB Datasheet
7Mb / 16P
HybridPACK™ Drive Module
V3.4, 2019-10-09
FS950R08A6P2LB INFINEON-FS950R08A6P2LB Datasheet
2Mb / 16P
HybridPACK™ Drive Module
V3.0, 2020-03-23
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com