Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLMU Datasheet (PDF) - Littelfuse

DLMU Datasheet PDF - Littelfuse
Part # DLMU
Download  DLMU Download
File Size   255.02 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Voltage Monitoring Relays

DLMU Datasheet (PDF)

Go To PDF Page Download Datasheet
DLMU Datasheet PDF - Littelfuse

Part # DLMU
Download  DLMU Click to download

File Size   255.02 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Voltage Monitoring Relays

DLMU Datasheet (HTML) - Littelfuse


DLMU Product details

Description
The DLMU Series is a universal voltage, 3-phase voltage
monitor. It continuously measures the voltage of each of the
three phases with microcontroller accuracy and compares the
value to preset trip points. It separately senses phase reversal
and loss; over, under and unbalanced voltages; and over or
under frequency. Protection is assured during periods of large
average voltage fluctuations or when regenerated voltages
are present. The unit trips within 200ms when phase loss
is detected. Adjustable time delays are included to prevent
nuisance tripping and short cycling of sensitive equipment.
The isolated, 10A, SPDT and 2A alarm output relay contacts
trip when a phase voltage exceeds the trip limits for the trip
delay. Nominal line voltage, voltage unbalance, and time
delays are knob adjustable. The phase loss setpoint and the
acceptable frequency range are fixed. Both delta and wye
systems can be monitored; no connection to neutral is required.
Operation
Upon application of line voltage, the output is de-energized
and the restart delay begins. If all the 3-phase voltages are
within the acceptable range, the output energizes at the end
of the restart delay. The microcontroller circuitry automatically
senses the voltage range, and selects the correct operating
frequency (50 or 60Hz). The over and undervoltage trip points
are set automatically. When the measured value of any phase
voltage exceeds the acceptable range limits (lower or upper)
the trip delay begins. At the end of the trip delay the output
relay de-energizes. If the phase voltage returns to an acceptable
value before the trip delay expires, the trip delay is reset and the
output remains energized. Under, over, and unbalanced voltages
plus over or under frequency must be sensed for the complete
trip delay before the unit trips. The unit trips in 200ms when
phase loss or reversal are sensed. The unit will not energize if a
fault is sensed as the line voltage is applied.
Reset: Reset is automatic upon correction of the voltage or
frequency fault or phase sequence.

FEATURES BENEFITS
Proprietary
microcontroller
based circuitry
Constant monitoring to protect against phase loss,
phase reversal, over voltage, under voltage,
unbalance, short cycling and over/under frequency
Universal line
voltage range
Flexibility to work in 200 to 480VAC or 500 to
600VAC applications
DIN rail (35mm) or
surface mounting Installation flexibility
LED indication Provides diagnostics of relay, fault and time
delay status
User adjustable
time delays
Prevents nuisance tripping and short cycling of
sensitive equipment




Similar Part No. - DLMU

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DLM ITT-DLM Datasheet
87Kb / 1P
Zero Insertion Force
DLM ITT-DLM Datasheet
3Mb / 76P
ZERO INSERTION FORCE CONNECTORS
DLM ITT-DLM Datasheet
90Kb / 2P
ZIF Connectors
logo
Marki Microwave
DLM-10SM MARKIMICROWAVE-DLM-10SM Datasheet
805Kb / 5P
Tunable Differential Limiter
logo
Murata Manufacturing Co...
DLM0NSB120HY2 MURATA1-DLM0NSB120HY2 Datasheet
354Kb / 3P
Small size and tight dimensional tolerance Size: 0.85횞0.65횞0.45mm
Last updated07/26/2022
More results


Similar Description - DLMU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DUA52C724 ETC2-DUA52C724 Datasheet
54Kb / 2P
Monitoring Relays DC Under Voltage
PUB02CT23 ETC2-PUB02CT23 Datasheet
211Kb / 4P
Monitoring Relays Monitoring Relays Types DUB02, PUB02
logo
Littelfuse
HLVA6I23 LITTELFUSE-HLVA6I23 Datasheet
456Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062116
KVM LITTELFUSE-KVM Datasheet
338Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLMU11 LITTELFUSE-PLMU11 Datasheet
343Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062116
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLS LITTELFUSE-PLS Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVM LITTELFUSE-TVM Datasheet
336Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVW LITTELFUSE-TVW Datasheet
371Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
WVM LITTELFUSE-WVM Datasheet
315Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com