Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KVM Datasheet (PDF) - Littelfuse

KVM Datasheet PDF - Littelfuse
Part # KVM
Download  KVM Download
File Size   338.8 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Voltage Monitoring Relays

KVM Datasheet (PDF)

Go To PDF Page Download Datasheet
KVM Datasheet PDF - Littelfuse

Part # KVM
Download  KVM Click to download

File Size   338.8 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Voltage Monitoring Relays

KVM Datasheet (HTML) - Littelfuse


KVM Product details

Description
The KVM Series is a single-phase undervoltage monitor designed
to protect sensitive equipment against brownout undervoltage
conditions. The compact design and encapsulated construction
make the KVM Series an excellent choice for OEM equipment.
Operation
The output relay is energized and the LED glows green when
the input voltage is above the reset voltage threshold. If the
input voltage drops below the undervoltage setpoint, the output
relay and LED will de-energize. The output relay will remain
de-energized as long as the input voltage is below the reset
voltage. Reset is automatic when the input voltage returns to a
normal range.

FEATURES BENEFITS
Continuous monitoring Low cost single-phase undervoltage
(brownout) protection
Compact design
measures 2 in.
(50.8mm) square
Perfect for OEM applications where, cost, size and
ease of installation are important
LED indication Quick visual indication of output status
Encapsulated Protects against shock, vibration, and humidity




Similar Part No. - KVM

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
KVM ISABELLENHUETTE-KVM Datasheet
975Kb / 3P
7 W power rating
logo
Level One
KVM-0115 LVL1-KVM-0115 Datasheet
309Kb / 2P
15 RackMount Console
KVM-0117 LVL1-KVM-0117 Datasheet
309Kb / 2P
17??RackMount Console
KVM-0211 LVL1-KVM-0211 Datasheet
936Kb / 2P
4-Port PS/2 KVM Switch w/ Audio
KVM-0212 LVL1-KVM-0212 Datasheet
936Kb / 2P
4-Port PS/2 KVM Switch w/ Audio
More results


Similar Description - KVM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DUA52C724 ETC2-DUA52C724 Datasheet
54Kb / 2P
Monitoring Relays DC Under Voltage
PUB02CT23 ETC2-PUB02CT23 Datasheet
211Kb / 4P
Monitoring Relays Monitoring Relays Types DUB02, PUB02
logo
Littelfuse
DLMU LITTELFUSE-DLMU Datasheet
255Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062716
HLVA6I23 LITTELFUSE-HLVA6I23 Datasheet
456Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062116
PLMU11 LITTELFUSE-PLMU11 Datasheet
343Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062116
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLS LITTELFUSE-PLS Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVM LITTELFUSE-TVM Datasheet
336Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVW LITTELFUSE-TVW Datasheet
371Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
WVM LITTELFUSE-WVM Datasheet
315Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com